Electronic Components Datasheet Search
  English  ▼

X  

BTS149 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS149
Description  Smart Lowside Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS149 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS149 Datasheet HTML 2Page - Infineon Technologies AG BTS149 Datasheet HTML 3Page - Infineon Technologies AG BTS149 Datasheet HTML 4Page - Infineon Technologies AG BTS149 Datasheet HTML 5Page - Infineon Technologies AG BTS149 Datasheet HTML 6Page - Infineon Technologies AG BTS149 Datasheet HTML 7Page - Infineon Technologies AG BTS149 Datasheet HTML 8Page - Infineon Technologies AG BTS149 Datasheet HTML 9Page - Infineon Technologies AG BTS149 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2004-02-02
Page 6
BTS 149
On-state resistance
RON = f(Tj); ID=19A; VIN=10V
-50
-25
0
25
50
75
100
°C
150
Tj
0
5
10
15
20
25
30
m
Ω
40
typ.
max.
Maximum allowable power dissipation
Ptot = f(Tc)
0
20
40
60
80
100
120
°C
160
150
0
20
40
60
80
100
120
140
160
W
190
BTS 149
On-state resistance
RON = f(Tj); ID= 19A; VIN=5V
-50
-25
0
25
50
75
100
°C
150
Tj
0
5
10
15
20
25
30
35
m
Ω
45
typ.
max.
Typ. input threshold voltage
VIN(th) = f(Tj); ID=3,9mA; VDS=12V
-50
-25
0
25
50
75
100
°C
150
Tj
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com