Electronic Components Datasheet Search
  English  ▼

X  

BTS149 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS149
Description  Smart Lowside Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS149 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS149 Datasheet HTML 1Page - Infineon Technologies AG BTS149 Datasheet HTML 2Page - Infineon Technologies AG BTS149 Datasheet HTML 3Page - Infineon Technologies AG BTS149 Datasheet HTML 4Page - Infineon Technologies AG BTS149 Datasheet HTML 5Page - Infineon Technologies AG BTS149 Datasheet HTML 6Page - Infineon Technologies AG BTS149 Datasheet HTML 7Page - Infineon Technologies AG BTS149 Datasheet HTML 8Page - Infineon Technologies AG BTS149 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2004-02-02
Page 1
HITFET
====
BTS 149
Smart Lowside Power Switch
Features
• Logic Level Input
• Input Protection (ESD)
•=Thermal shutdown with latch
• Overload protection
• Short circuit protection
• Overvoltage protection
• Current limitation
• Status feedback with external input resistor
• Analog driving possible
Product Summary
Drain source voltage
VDS
60
V
On-state resistance
RDS(on)
18
m
Ω
Current limit
ID(lim)
30
A
Nominal load current
ID(ISO)
19
A
Clamping energy
EAS
6000 mJ
Application
• All kinds of resistive, inductive and capacitive loads in switching or
linear applications
• µC compatible power switch for 12 V and 24 V DC applications
• Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET in Smart SIPMOS chip on chip tech-
nology. Fully protected by embedded protected functions.
p rotection
Ove rvoltag e
Drain
IN
ES D
HIT F E T
Source
C urrent
1
3
Ove r-
protection
te m pe rature
S h ort circ uit
protection
+
dv /d t
lim ita tio n
lim ita tio n
V bb
S hort circuit
p rotection
LO A D
2
Ov erloa d
protection
M


Similar Part No. - BTS149

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS140 SIEMENS-BTS140 Datasheet
315Kb / 9P
TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS140 INFINEON-BTS140 Datasheet
451Kb / 10P
TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
logo
Inchange Semiconductor ...
BTS140 ISC-BTS140 Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
logo
Siemens Semiconductor G...
BTS140A SIEMENS-BTS140A Datasheet
315Kb / 9P
TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS140A INFINEON-BTS140A Datasheet
451Kb / 10P
TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
More results

Similar Description - BTS149

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
Smart Lowside Power Switch
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
Smart Lowside Power Switch
logo
Infineon Technologies A...
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS917 INFINEON-BTS917 Datasheet
181Kb / 11P
Smart Lowside Power Switch
02.12.1998
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
Smart Lowside Power Switch
02.12.1998
BTS949 INFINEON-BTS949 Datasheet
181Kb / 11P
Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
Smart Lowside Power Switch
2002-09-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com