Electronic Components Datasheet Search
  English  ▼

X  

M24M02-DRMN6TP Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24M02-DRMN6TP
Description  2-Mbit serial IC bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DRMN6TP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24M02-DRMN6TP Datasheet HTML 29Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 30Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 31Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 32Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 33Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 34Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 35Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 36Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
DocID18204 Rev 8
33/38
M24M02-DR
Package mechanical data
37
Figure 18. WLCSP- 8-bump, 3.556 x 2.011 mm, wafer level chip scale
package recommended footprint
1. Dimensions are expressed in millimeters.
Table 16. WLCSP- 8-bump, 3.556 x 2.011 mm, wafer level chip scale
package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.500
0.540
0.580
0.0197
0.0213
0.0228
A1
-
0.190
-
-
0.0075
-
A2
-
0.350
-
-
0.0138
-
b(2)
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
-
0.270
-
-
0.0106
-
D
-
3.556
3.576
-
0.1400
0.1408
E
-
2.011
2.031
-
0.0792
0.0800
e
-
1.000
-
-
0.0394
-
e1
-
1.200
-
-
0.0472
-
e2
-
2.100
-
-
0.0827
-
F
-
0.505
-
-
0.0199
-
G
-
0.500
-
-
0.0197
-
H
-
0.728
-
-
0.0287
-
J
-
0.200
-
-
0.0079
-
aaa
-
-
0.110
-
-
0.0043
bbb
-
-
0.110
-
-
0.0043
ccc
-
-
0.110
-
-
0.0043
ddd
-
-
0.060
-
-
0.0024
eee
-
-
0.060
-
-
0.0024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com