Electronic Components Datasheet Search
  English  ▼

X  

M24M02-DRMN6TP Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24M02-DRMN6TP
Description  2-Mbit serial IC bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DRMN6TP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24M02-DRMN6TP Datasheet HTML 30Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 31Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 32Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 33Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 34Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 35Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 36Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 37Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
DocID18204 Rev 8
37/38
M24M02-DR
Revision history
37
23-May-2014
7
removed note on page 7, Updated Table 3: Device select code,
updated section numbering for Section 5.2.4 and Section 5.2.5,
updated note 1 on Table 11: Memory cell data retention, updated
Figure 18: WLCSP- 8-bump, 3.556 x 2.011 mm, wafer level chip scale
package recommended footprint.
27-Jul-2015
8
Updated:
– Figure 3 with note 1.
– Table 2
– Section 9.1: SO8N package information and Section 9.2: WLCSP
package information
Table 18. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com