Electronic Components Datasheet Search
  English  ▼

X  

M24M02-DRMN6TP Datasheet(PDF) 34 Page - STMicroelectronics

Part # M24M02-DRMN6TP
Description  2-Mbit serial IC bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DRMN6TP Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M24M02-DRMN6TP Datasheet HTML 30Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 31Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 32Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 33Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 34Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 35Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 36Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 37Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Part numbering
M24M02-DR
34/38
DocID18204 Rev 8
10
Part numbering
Table 17. Ordering information scheme
Example:
M24M02 -D
R MN 6
T
P /K
Device type
M24 = I2C serial access EEPROM
Device function
M02 = 2Mbit (256 K x 8 bit)
EEPROM with additional identification page
Device family
B = Without Identification page
D = With Identification page
Operating voltage
R = VCC = 1.8 V to 5.5 V
Package(1)
1. All packages are ECOPACK2® (RoHS compliant and free of brominated, chlorinated and antimony-oxide
flame retardants).
MN = SO8 (150 mil width)
CS = Standard WLCSP
Device grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
Option
T = Tape and reel packing
blank = tube packing
Plating technology
P or G = ECOPACK2® (RoHS compliant)
Process(2)
2. The process letters apply to WLCSP device only. These process letters appear on the device package
(marking) and on the shipment box. Please contact your nearest ST Sales Office for further information.
/K = Manufacturing technology code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com