Electronic Components Datasheet Search
  English  ▼

X  

BTS308 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS308
Description  Smart Highside Power Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS308 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS308 Datasheet HTML 1Page - Infineon Technologies AG BTS308 Datasheet HTML 2Page - Infineon Technologies AG BTS308 Datasheet HTML 3Page - Infineon Technologies AG BTS308 Datasheet HTML 4Page - Infineon Technologies AG BTS308 Datasheet HTML 5Page - Infineon Technologies AG BTS308 Datasheet HTML 6Page - Infineon Technologies AG BTS308 Datasheet HTML 7Page - Infineon Technologies AG BTS308 Datasheet HTML 8Page - Infineon Technologies AG BTS308 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BTS 308
Parameter and Conditions
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 24 V unless otherwise specified
min
typ
max
Semiconductor Group
Page 4
2003-Oct-01
Protection Functions
5)
Initial peak short circuit current limit (pin 3 to 5)
6),
( max 100
µs if VON > VON(SC) )
IL(SCp)
Vbb = 12V
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
--
--
2.5
--
5
--
10
--
--
A
Short circuit shutdown delay after input pos. slope
VON > VON(SC),
Tj =-40..+150°C:
min value valid only, if input "low" time exceeds 60
µs
td(SC)
15
--
100
µs
Output clamp (inductive load switch off)
at VOUT = Vbb - VON(CL)
IL= 1 A, Tj =-40..+150°C: VON(CL)
59
67
75
V
Short circuit shutdown detection voltage
(pin 3 to 5)
VON(SC)
--
3.5
--
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
Reverse battery (pin 3 to 1)
7
)
-Vbb
--
--
32
V
Diagnostic Characteristics
Open load detection current
Tj=-40...+150°C:
(included in standby current Ibb(off))
IL(off)
0
--
30
µA
Open load detection voltage
Tj=-40..150°C: VOUT(OL)
2
3
4V
5
)
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not
designed for continuous repetitive operation.
6
)
Short circuit current limit for max. duration of td(SC) max=100 µs, prior to shutdown
7
)
Requires 150
Ω resistor in GND connection. Reverse load current (through intrinsic drain-source diode) is
normally limited by the connected load. Input and Status currents have to be limited (see max. ratings page
2 and circuit page 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com