Electronic Components Datasheet Search
  English  ▼

X  

BTS308 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS308
Description  Smart Highside Power Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS308 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS308 Datasheet HTML 3Page - Infineon Technologies AG BTS308 Datasheet HTML 4Page - Infineon Technologies AG BTS308 Datasheet HTML 5Page - Infineon Technologies AG BTS308 Datasheet HTML 6Page - Infineon Technologies AG BTS308 Datasheet HTML 7Page - Infineon Technologies AG BTS308 Datasheet HTML 8Page - Infineon Technologies AG BTS308 Datasheet HTML 9Page - Infineon Technologies AG BTS308 Datasheet HTML 10Page - Infineon Technologies AG BTS308 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BTS 308
Semiconductor Group
Page 7
2003-Oct-01
Inductive and overvoltage output clamp
+ Vbb
OUT
GND
PROFET
VZ
V
ON
VON clamped to 67 V typ.
Overvolt. and reverse batt. protection
+ Vbb
IN
ST
ST
R
IN
R
GND
GND
R
Signal GND
Logic
PROFET
VZ2
I
R
VZ1
VZ1 = 6.2 V typ., VZ2 = 70 V typ., RGND = 150 Ω,
RST= 15 kΩ, RI= 4 kΩ typ.
Open-load detection
OFF-state diagnostic condition: VOUT > 3 V typ.; IN low
Open load
detection
Logic
unit
V
OUT
Signal GND
I
L(OL)
OFF
GND disconnect
PROFET
V
IN
ST
OUT
GND
bb
V
bb
1
2
4
3
5
V
IN VST
V
GND
Any kind of load. In case of Input=high is VOUT
≈ VIN - VIN(T+) .
Due to VGND >0, no VST = low signal available.
GND disconnect with GND pull up
PROFET
V
IN
ST
OUT
GND
bb
V
bb
1
2
4
3
5
V
GND
V
IN
V
ST
Any kind of load. If VGND > VIN - VIN(T+) device stays off
Due to VGND >0, no VST = low signal available.
Vbb disconnect with charged inductive
load
PROFET
V
IN
ST
OUT
GND
bb
V
bb
1
2
4
3
5
high
Normal load current can be handled by the PROFET
itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com