Electronic Components Datasheet Search
  English  ▼

X  

BTS308 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS308
Description  Smart Highside Power Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS308 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS308 Datasheet HTML 1Page - Infineon Technologies AG BTS308 Datasheet HTML 2Page - Infineon Technologies AG BTS308 Datasheet HTML 3Page - Infineon Technologies AG BTS308 Datasheet HTML 4Page - Infineon Technologies AG BTS308 Datasheet HTML 5Page - Infineon Technologies AG BTS308 Datasheet HTML 6Page - Infineon Technologies AG BTS308 Datasheet HTML 7Page - Infineon Technologies AG BTS308 Datasheet HTML 8Page - Infineon Technologies AG BTS308 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PROFET® BTS 308
Semiconductor Group
Page 1 of 14
2003-Oct-01
Smart Highside Power Switch
Features
• Overload protection
• Current limitation
• Short circuit protection
• Thermal shutdown
• Overvoltage protection (including load dump)
• Fast demagnetization of inductive loads
• Reverse battery protection1)
• Undervoltage and overvoltage shutdown with
auto-restart and hysteresis
• Open drain diagnostic output
• Open load detection in OFF-state
• CMOS compatible input
• Loss of ground and loss of V
bb protection
• Electrostatic discharge (ESD) protection
Application
• µC compatible power switch with diagnostic feedback for 12 V and 24 V DC grounded loads
• Most suitable for inductive loads
• Replaces electromechanical relays, fuses and discrete circuits
• Fast switching
• Not suitable for lamp loads
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic
feedback, monolithically integrated in Smart SIPMOS
technology. Providing embedded protective functions.
+ Vbb
IN
ST
Signal GND
ESD
PROFET
OUT
GND
Logic
Voltage
sensor
Voltage
source
Open load
detection
Short circuit
detection
Charge pump
Level shifter
Temperature
sensor
Rectifier
Limit for
unclamped
ind. loads
Gate
protection
Current
limit
2
4
1
3
5
Load GND
Load
V Logic
Overvoltage
protection
1
)
With external current limit (e.g. resistor RGND=150 Ω) in GND connection, resistor in series with ST
connection, reverse load current limited by connected load.
Product Summary
Overvoltage protection
Vbb(AZ)
60
V
Operating voltage
Vbb(on)
4.7 ... 34 V
On-state resistance
RON
300 m
Ω
Load current (ISO)
IL(ISO)
1.3
A
TO-220AB/5
5
Standard
1
5
Straight leads
1
5
SMD


Similar Part No. - BTS308

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS3080EJ INFINEON-BTS3080EJ Datasheet
1Mb / 45P
Smart Low-Side Power Switch
Rev. 1.0 2016-09-12
BTS3080TF INFINEON-BTS3080TF Datasheet
1Mb / 39P
Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
BTS3080TF INFINEON-BTS3080TF Datasheet
1Mb / 39P
Smart Low-Side Power Switch
Rev. 1.0, 2016-06-01
BTS3080TFATMA1 INFINEON-BTS3080TFATMA1 Datasheet
1Mb / 39P
Smart Low-Side Power Switch
Rev. 1.0, 2016-06-01
More results

Similar Description - BTS308

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
Smart Highside Power Switch
2003-Oct-01
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS6163D INFINEON-BTS6163D Datasheet
259Kb / 16P
Smart Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
Smart Highside Power Switch
logo
Infineon Technologies A...
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
Smart Highside Power Switch
22.03.99
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com