Electronic Components Datasheet Search
  English  ▼

X  

BTS660P Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS660P
Description  Smart Highside High Current Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS660P Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS660P Datasheet HTML 3Page - Infineon Technologies AG BTS660P Datasheet HTML 4Page - Infineon Technologies AG BTS660P Datasheet HTML 5Page - Infineon Technologies AG BTS660P Datasheet HTML 6Page - Infineon Technologies AG BTS660P Datasheet HTML 7Page - Infineon Technologies AG BTS660P Datasheet HTML 8Page - Infineon Technologies AG BTS660P Datasheet HTML 9Page - Infineon Technologies AG BTS660P Datasheet HTML 10Page - Infineon Technologies AG BTS660P Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet BTS660P
Infineon Technologies AG
Page 7
2003-Oct-01
Truth Table
Input
current
Output
Current
Sense
Remark
level
level
IIS
Normal
operation
L
H
L
H
0
nominal
=IL / kilis, up to IIS=IIS,lim
Very high
load current
H
H
IIS, lim
up to VON=VON(Fold back)
IIS no longer proportional to IL
Current-
limitation
H
H
0
VON > VON(Fold back)
if VON>VON(SC), shutdown will occure
Short circuit to
GND
L
H
L
L
0
0
Over-
temperature
L
H
L
L
0
0
Short circuit to
Vbb
L
H
H
H
0
<nominal
22
)
Open load
L
H
Z
23)
H
0
0
Negative output
voltage clamp
L
L
0
Inverse load
current
L
H
H
H
0
0
L = "Low" Level
H = "High" Level
Over temperature reset by cooling: Tj < Tjt (see diagram on page 15)
Short circuit to GND: Shutdown remains latched until next reset via input (see diagram on page 14)
22
)
Low ohmic short to Vbb may reduce the output current IL and can thus be detected via the sense current IIS.
23
)
Power Transistor "OFF", potential defined by external impedance.
Terms
PROFET
V
IN
IS
OUT
bb
V
IN
IIS
I
IN
V
bb
Ibb
IL
VOUT
VON
3
5
4
1,2,6,7
RIS
VIS
VbIN
RIN
DS
VbIS
Two or more devices can easily be connected in
parallel to increase load current capability.
RON measurement layout
Sense
V
force
Out Force
bb
contacts
contacts
(both out
pins parallel)
l
≤
5.5mm
Typical RON for SMD version is about 0.2 m
Ω less
than straight leads due to l
≈ 2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com