Electronic Components Datasheet Search
  English  ▼

X  

BTS660P Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # BTS660P
Description  Smart Highside High Current Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS660P Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button BTS660P Datasheet HTML 8Page - Infineon Technologies AG BTS660P Datasheet HTML 9Page - Infineon Technologies AG BTS660P Datasheet HTML 10Page - Infineon Technologies AG BTS660P Datasheet HTML 11Page - Infineon Technologies AG BTS660P Datasheet HTML 12Page - Infineon Technologies AG BTS660P Datasheet HTML 13Page - Infineon Technologies AG BTS660P Datasheet HTML 14Page - Infineon Technologies AG BTS660P Datasheet HTML 15Page - Infineon Technologies AG BTS660P Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet BTS660P
Infineon Technologies AG
Page 12
2003-Oct-01
Characteristics
Current sense versus load current:
IIS = f(IL), TJ= -40 ... +150 °C
IIS [mA]
IL [A]
Current sense ratio:
KILIS = f(IL), Tj= -40°C
kilis
IL [A]
Current sense ratio:
KILIS = f(IL), Tj= 25°C
kilis
IL [A]
Current sense ratio:
KILIS = f(IL), Tj= 150°C
kilis
IL [A]
0
1
2
3
4
5
6
7
0
20
406080
max
min
8000
10000
12000
14000
16000
18000
20000
0
20406080
typ
max
min
8000
10000
12000
14000
16000
18000
20000
22000
24000
0
20
40
60
80
typ
min
max
10000
12000
14000
16000
18000
20000
0
20406080
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com