Electronic Components Datasheet Search
  English  ▼

X  

BTS660P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS660P
Description  Smart Highside High Current Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS660P Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS660P Datasheet HTML 1Page - Infineon Technologies AG BTS660P Datasheet HTML 2Page - Infineon Technologies AG BTS660P Datasheet HTML 3Page - Infineon Technologies AG BTS660P Datasheet HTML 4Page - Infineon Technologies AG BTS660P Datasheet HTML 5Page - Infineon Technologies AG BTS660P Datasheet HTML 6Page - Infineon Technologies AG BTS660P Datasheet HTML 7Page - Infineon Technologies AG BTS660P Datasheet HTML 8Page - Infineon Technologies AG BTS660P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PROFET® Data Sheet BTS660P
Infineon Technologies AG
Page 1
2003-Oct-01
Smart Highside High Current Power Switch
Reversave
• Reverse battery protection by self turn on of
power MOSFET
Features
• Overload protection
• Current limitation
• Short circuit protection
• Over temperature protection
• Over voltage protection (including load dump)
• Clamp of negative voltage at output
• Fast deenergizing of inductive loads 1)
• Low ohmic inverse current operation
• Diagnostic feedback with load current sense
• Open load detection via current sense
• Loss of V
bb protection
2
)
• Electrostatic discharge (ESD) protection
Application
• Power switch with current sense diagnostic
feedback for up to 48 V DC grounded loads
• Most suitable for loads with high inrush current
like lamps and motors; all types of resistive and
inductive loads
• Replaces electromechanical relays, fuses and discrete circuits
General Description
N channel vertical power FET with charge pump, current controlled input and diagnostic feedback with load
current sense, integrated in Smart SIPMOS
chip on chip technology. Providing embedded protective functions.
IN
Charge pump
Level shifter
Rectifier
Limit for
unclamped
ind. loads
Gate
protection
Current
limit
3
Overvoltage
protection
+ Vbb
PROFET
OUT
4 & Tab
1,2,6,7
Load GND
Load
Output
Voltage
detection
R
IS
IS
5
I IS
I L
VIS
I IN
Logic GND
Voltage
sensor
Voltage
source
Current
Sense
Logic
ESD
Temperature
sensor
R bb
V
IN
1)
With additional external diode.
2
)
Additional external diode required for energized inductive loads (see page 9).
Product Summary
Overvoltage protection
Vbb(AZ)
70
V
Output clamp
VON(CL)
62
V
Operating voltage
Vbb(on)
5.0 ... 58
V
On-state resistance
RON
9 m
Ω
Load current (ISO)
IL(ISO)
44
A
Short circuit current limitation
IL(SC)
90
A
Current sense ratio
IL : IIS
13 000
TO 220-7SMD
1
7
Standard
1
7
SMD


Similar Part No. - BTS660P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS610L1 SIEMENS-BTS610L1 Datasheet
137Kb / 12P
Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS6110-1SJA INFINEON-BTS6110-1SJA Datasheet
1Mb / 24P
Smart High-Side Power Switch
Rev. 1.1, 2014-11-24
BTS6110-1SJA INFINEON-BTS6110-1SJA_15 Datasheet
1Mb / 24P
Smart High-Side Power Switch
Rev. 1.1, 2014-11-24
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
Smart Two Channel Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS660P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
Smart Highside High Current Power Switch
2003-Oct-01
BTS550 INFINEON-BTS550 Datasheet
289Kb / 15P
Smart Highside High Current Power Switch
2010-June-01
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
Smart Highside High Current Power Switch
2010-April-27
BTS50055-1TMC INFINEON-BTS50055-1TMC Datasheet
296Kb / 17P
Smart Highside High Current Power Switch
2010-April-27
BTS50085-1TMB INFINEON-BTS50085-1TMB Datasheet
305Kb / 18P
Smart Highside High Current Power Switch
2008-Jan-24
BTS6510B INFINEON-BTS6510B Datasheet
264Kb / 15P
Smart Highside High Current Power Switch
2003-Oct-01
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
Smart Highside High Current Power Switch
2010-June-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
Smart Highside High Current Power Switch
2010-June-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com