Electronic Components Datasheet Search
  English  ▼

X  

SN65DP141 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP141
Description  DisplayPort Linear Redriver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP141 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65DP141 Datasheet HTML 9Page - Texas Instruments SN65DP141 Datasheet HTML 10Page - Texas Instruments SN65DP141 Datasheet HTML 11Page - Texas Instruments SN65DP141 Datasheet HTML 12Page - Texas Instruments SN65DP141 Datasheet HTML 13Page - Texas Instruments SN65DP141 Datasheet HTML 14Page - Texas Instruments SN65DP141 Datasheet HTML 15Page - Texas Instruments SN65DP141 Datasheet HTML 16Page - Texas Instruments SN65DP141 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
4 Bit Register
1 Bit Register
1 Bit Register
VCC
200K
50
50
VBB
50
50
Band-Gap Voltage
Reference and Bias
Current Generation
Power-OnReset
OUT[3:0]_P
I2C_EN
2-Wire Interface and Control Logic
I2C_EN
EQ0/ADD0
EQ1/ADD1
EQ_MODE/ADD2
6 Bit Register
3 Bit Register
General Setting
200K
1.2K
200K
200K
200K
GND
IN[3:0]_P
DRV_PK#/SCL
SDA
PWD#
VOD/CS
GAIN
Input Buffer with
Selectable Equalizer
Output Driver
VCC
Power-On
Reset
OUT[3:0]_P
2 Bit Register
DC Gain
EQ Control
Channel Enable
VOD Swing
AC Gain
SDA
PWD#
VOD/CS
GAIN
DRV_PK#/SCL
EQ1/ADD1
EQ0/ADD0
EQ_MODE/ADD2
IN[3:0]_N
13
SN65DP141
www.ti.com
SLLSES6 – FEBRUARY 2016
Product Folder Links: SN65DP141
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SN65DP141 is an asynchronous, protocol-agnostic, low latency, four-channel linear equalizer optimized for
use up to 12 Gbps. The characteristics of this device make it transparent to DisplayPort (DP) link training, it
supports all the available DP bit rates from RBR to HBR3 (1.6 Gbps, 2.7 Gbps, 5.4 Gbps and 8.1 Gbps
respectively). Additionally, the SN65DP141 is configurable to a trace or cable mode, and hence improves its
performance depending on the type of channel it is being used. Its transparency to the DP link training makes the
SN65DP141 a position independent device, suitable for source/sink or cable applications, effectively providing a
“negative loss” component to the overall link budget, in order to compensate the signal degradation over the
channel.
The SN65DP141 is configurable by means of I2C and GPIOs, allowing independent channel control for
activation, equalization, gain, dynamic range.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com