Electronic Components Datasheet Search
  English  ▼

X  

SN65DP141 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP141
Description  DisplayPort Linear Redriver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP141 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN65DP141 Datasheet HTML 10Page - Texas Instruments SN65DP141 Datasheet HTML 11Page - Texas Instruments SN65DP141 Datasheet HTML 12Page - Texas Instruments SN65DP141 Datasheet HTML 13Page - Texas Instruments SN65DP141 Datasheet HTML 14Page - Texas Instruments SN65DP141 Datasheet HTML 15Page - Texas Instruments SN65DP141 Datasheet HTML 16Page - Texas Instruments SN65DP141 Datasheet HTML 17Page - Texas Instruments SN65DP141 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
INx_P
INx_N
OUTx_P
OUTx_N
TX_GAIN(TX_DC_GAIN)
EQUALIZATION(EQ_AC_GAIN)
RX_GAIN(EQ_DC_GAIN)
0dB or -6dB
Up to 15dB
0dB or 6dB
14
SN65DP141
SLLSES6 – FEBRUARY 2016
www.ti.com
Product Folder Links: SN65DP141
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1
DC and AC Independent Gain Control
Besides the functional block diagram, the behavior of the SN65DP141 can be described as it is shown in
Figure 16; where the input stage first applies a DC gain (0 dB or –6 dB), and then equalizes the signal, which is
driven to the output stage, where the SN65DP141 applies an output DC gain (0 dB or 6 dB).
Figure 16. DP141 Signal Chain Gain Control
8.3.2 Two-Wire Serial Interface and Control Logic
The SN65DP141 uses a 2-wire serial interface for digital control. The two circuit inputs, SDA and SCL, are
driven, respectively, by the serial data and serial clock from a microcontroller, for example. The SDA and SCK
pins require external 10 k
Ω pull-ups to VCC.
The 2-wire interface allows write access to the internal memory map to modify control registers and read access
to read out control and status signals. The SN65DP141 is a slave device only which means that it cannot initiate
a transmission itself; it always relies on the availability of the SCK signal for the duration of the transmission. The
master device provides the clock signal as well as the START and STOP commands. The protocol for a data
transmission is as follows:
1. START command
2. 7 bit slave address (0000ADD [2:0]) followed by an eighth bit which is the data direction bit (R/W). A zero
indicates a WRITE and a 1 indicates a READ. The ADD [2:0] address bits change with the status of the
ADD2, ADD1, and ADD0 device pins, respectively. If the pins are left floating or pulled down, the 7 bit slave
address is 0000000.
3. 8-bit register address
4. 8-bit register data word
5. STOP command
Regarding timing, the SN65DP141 is I2C compatible. The typical timing is shown in Figure 15 and a complete
data transfer is shown in Figure 14. Parameters for these figures are defined in the I2C Interface section of the
Switching Characteristics.
8.3.3 Bus Idle
Both SDA and SCL lines remain HIGH
8.3.4 Start Data Transfer
A change in the state of the SDA line, from HIGH to LOW, while the SCL line is HIGH, defines a START
condition (S). Each data transfer is initiated with a START condition.
8.3.5 Stop Data Transfer
A change in the state of the SDA line from LOW to HIGH while the SCL line is HIGH defines a STOP condition
(P). Each data transfer is terminated with a STOP condition; however, if the master still wishes to communicate
on the bus, it can generate a repeated START condition and address another slave without first generating a
STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com