Electronic Components Datasheet Search
  English  ▼

X  

ALED6001 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ALED6001 Datasheet HTML 8Page - STMicroelectronics ALED6001 Datasheet HTML 9Page - STMicroelectronics ALED6001 Datasheet HTML 10Page - STMicroelectronics ALED6001 Datasheet HTML 11Page - STMicroelectronics ALED6001 Datasheet HTML 12Page - STMicroelectronics ALED6001 Datasheet HTML 13Page - STMicroelectronics ALED6001 Datasheet HTML 14Page - STMicroelectronics ALED6001 Datasheet HTML 15Page - STMicroelectronics ALED6001 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Device description
ALED6001
12/26
DocID026965 Rev 2
7
Device description
The ALED6001 device is a LED driver that integrates a boost controller, a high-side current
sensing circuitry and a gate driver for an external dimming switch. It has been specifically
designed for driving a single string of high-brightness LEDs. The device can support boost,
floating buck-boost and SEPIC topologies in order to cover most of applications. A single
pin, PWMI, combines both the device enable and PWM dimming control functions.
The brightness of the LED string can be controlled through PWM modulation, analog control
of the output current level (by means of a dedicated pin) or a combination of the two.
7.1
Device supply
The ALED6001 device integrates two low dropout linear regulators to derive the + 3.3 V
(typ.) main supply and the +5 V supply for the gate drivers. The VIN pin is the input terminal
for both linear regulators. Both the linear regulators are enabled when a PWM signal is
applied to the PMWI pin. If the PWMI pin is held low for more than 10 ms (min.), the
shutdown mode is automatically entered and both the LDOs are turned-off for minimum
power consumption. An undervoltage lockout (UVLO) protection is associated to each linear
regulator: in case the output voltage of LDO3 and VDR is below their respective nominal
value, the device is no allowed to operate and the XFAULT pin is tied low.
When an external +5 V rail is available, the related internal LDO can be bypassed by
connecting together the VIN and VDR pins: in this case the VDR pin is used as supply input.
7.2
Boost controller
7.2.1
Turn on and power-down sequences
The ALED6001 is turned on and off by acting on the PWMI pin. This digital input combines
two functions at the same time: device turn on/off and PWM dimming control.
When a high pulse having a 100 µs (typ.) minimum duration appears at the PWMI pin, the
LDOs are turned on and, after the VDR has reached its nominal value, a soft-start sequence
on the boost controller takes place. The output voltage is smoothly increased by releasing in
steps the current limit of the boost converter within a fixed 3 ms (typ.) period, unless the
feedback voltage reaches 75% of the nominal value in advance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com