Electronic Components Datasheet Search
  English  ▼

X  

ALED6001 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ALED6001 Datasheet HTML 12Page - STMicroelectronics ALED6001 Datasheet HTML 13Page - STMicroelectronics ALED6001 Datasheet HTML 14Page - STMicroelectronics ALED6001 Datasheet HTML 15Page - STMicroelectronics ALED6001 Datasheet HTML 16Page - STMicroelectronics ALED6001 Datasheet HTML 17Page - STMicroelectronics ALED6001 Datasheet HTML 18Page - STMicroelectronics ALED6001 Datasheet HTML 19Page - STMicroelectronics ALED6001 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Device description
ALED6001
16/26
DocID026965 Rev 2
7.2.4
Switching frequency oscillator and external synchronization
The switching frequency of the boost controller is simply set by connecting a resistor
between the FSW pin and ground. The resistor can be calculated according to Equation 4:
Equation 4
Where KFSW = 5 • 10
10 Hz
• Ω (typ.) and 100 kHz ≤ f
SW ≤ 1 MHz.
Figure 7. Switching frequency vs. setting resistor at the FSW pin
If the FSW pin is tied high (e.g.: connecting it to LDO3), a 600 kHz (typ.) default switching
frequency is set.
In case the boost controller of the ALED6001 has to be externally synchronized, the FSW
pin can be used as synchronization clock input. In this case the external clock must have
a frequency in the 100 kHz - 1 MHz range and a 250 ns minimum pulse duration in order to
ensure internal oscillator locking.
R
K
FSW
f
SW
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com