Electronic Components Datasheet Search
  English  ▼

X  

ALED6001 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ALED6001 Datasheet HTML 10Page - STMicroelectronics ALED6001 Datasheet HTML 11Page - STMicroelectronics ALED6001 Datasheet HTML 12Page - STMicroelectronics ALED6001 Datasheet HTML 13Page - STMicroelectronics ALED6001 Datasheet HTML 14Page - STMicroelectronics ALED6001 Datasheet HTML 15Page - STMicroelectronics ALED6001 Datasheet HTML 16Page - STMicroelectronics ALED6001 Datasheet HTML 17Page - STMicroelectronics ALED6001 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Device description
ALED6001
14/26
DocID026965 Rev 2
Figure 5. Simplified output regulation circuitry
The boost controller regulates the output (LED) current by measuring the voltage across the
external sensing resistor. The internal circuitry related to the two pins connected to the
sensing resistor (VFBP and VFBN) has been designed to implement a high-side sensing
scheme and can sustain a relatively high voltage. The voltage drop across the sensing
resistor is the actual feedback voltage for the boost regulator control loop and it can be
linearly varied by means of the ADIM pin (see Section 7.3: LED current regulation and
brightness control on page 17 for details).
The COMP pin is the output of the transconductance amplifier involved in the regulation
loop and a simple RC series must be connected between this pin and SGND to ensure
proper loop stability.
7.2.3
Boost converter stability and slope compensation
As visible in Figure 5, the difference between the feedback voltage and the programmed is
converted into an error current by the transconductance amplifier. This current, provided at
the COMP pin, is turned into a voltage across the compensation network externally
connected to the same pin. This voltage, in turn, determines the trip current for the following
error amplifier.
When the boost converter operates in continuous conduction mode (CCM) and the
switching duty cycle is higher than 50%, sub-harmonic instability may occur.
In order to prevent this, the trip current has to be properly shaped by summing a negative
sawtooth ramp voltage (slope compensation) with the amplified error voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com