Electronic Components Datasheet Search
  English  ▼

X  

RS6011P Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RS6011P
Description  Compact and good operational feel, suitable for mixing console faders
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS6011P Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RS6011P Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
418
In addition to the products listed, we can accommodate the follow specifications.
Unit:mm
Configuration code
Dimensions
Length L1
15
6
(Metal lever)
4
6.6
5
(R0.3)
t=1.2
Notes
1.
  Marked are specifications recommended by Alps.
2. A variety of operational feels are available, so please inquire if you have a request.
Notes
Lever Types
Total resistance(k Ω)
Resistance taper
10
20
50
15A
1B
10A
Total Resistance Variety
Resistance Taper
Dust cover
Available
Corresponding Specifications
Terminal Layout / Circuit Diagram(Viewed from Mounting Side)
Single-unit
Dual-unit
Low-profile Master Type (Super P Fader) / Other Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com