Electronic Components Datasheet Search
  English  ▼

X  

RS6011P Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RS6011P
Description  Compact and good operational feel, suitable for mixing console faders
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS6011P Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RS6011P Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
426
Reference for Manual Soldering
Example of Reflow Soldering Condition
Reference for Dip Soldering
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Series
Tip temperature
Duration of
Soldering time
No. of solders
RS□□1, RS□□H, RS08U,
RS□□K(Standard),RS□□N,
RS□□N11S, RS6011□P,
RS□□N1□M,
RSA0K1□V(Motor terminal)
350℃ max.
3s max.
1 time
Series
Preheating
Dip soldering
Number of soldering
Soldering surface
temperature
Heating time
Soldering
temperature
Soldering time
RS□□1, RS□□H,
RS□□N, RS□□N11S,
RS6011□P, RS□□N1□M
100℃ max.
1 min. max.
260℃
5s max.
1 time
Series
A
B
C
D
E
F
G
H
No. of reflows
RS08U
250℃
200℃
150℃
150℃
2 min.
3s
40s
4 min.
1 time
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or a type that
uses infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the potentiometer when employing a hot air
reflow method. The temperature of the PC board and the surface temperature of the potentiometer may vary greatly depending
on the PC board material, its size and thickness. Ensure that the surface temperature of the potentiometer does not rise to
250°C or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this prior to use.
Notes
Temperature profile
Slide Potentiometers / Soldering Conditions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com