Electronic Components Datasheet Search
  English  ▼

X  

RS6011P Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RS6011P
Description  Compact and good operational feel, suitable for mixing console faders
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS6011P Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RS6011P Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
419
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
Total resistance
Code
Total resistance(kΩ)
103
10
203
20
503
50
Resistance taper
Code
Resistance taper
A
15A
B
1B
D
10A
R S 6 0 1 1 S P
B 1 0 3
Single-unit
Dual-unit
S
D
Number of resistor elements
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
D(10A)
A(15A)
J
Low-profile Master Type (Super P Fader) / Ordering Products Not Listed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com