Electronic Components Datasheet Search
  English  ▼

X  

C161K Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # C161K
Description  16-Bit Single-Chip Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161K Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button C161K Datasheet HTML 27Page - Infineon Technologies AG C161K Datasheet HTML 28Page - Infineon Technologies AG C161K Datasheet HTML 29Page - Infineon Technologies AG C161K Datasheet HTML 30Page - Infineon Technologies AG C161K Datasheet HTML 31Page - Infineon Technologies AG C161K Datasheet HTML 32Page - Infineon Technologies AG C161K Datasheet HTML 33Page - Infineon Technologies AG C161K Datasheet HTML 34Page - Infineon Technologies AG C161K Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
C161K
C161O
Data Sheet
27
V2.0, 2001-01
SSCEIC
b FF76H
BBH
SSC Error Interrupt Control Register
0000H
SSCRB
F0B2H E 59H
SSC Receive Buffer
XXXXH
SSCRIC
b FF74H
BAH
SSC Receive Interrupt Control Register
0000H
SSCTB
F0B0H E 58H
SSC Transmit Buffer
0000H
SSCTIC
b FF72H
B9H
SSC Transmit Interrupt Control Register
0000H
STKOV
FE14H
0AH
CPU Stack Overflow Pointer Register
FA00H
STKUN
FE16H
0BH
CPU Stack Underflow Pointer Register
FC00H
SYSCON
b FF12H
89H
CPU System Configuration Register
1)0XX0
H
T2
FE40H
20H
GPT1 Timer 2 Register
0000H
T2CON
b FF40H
A0H
GPT1 Timer 2 Control Register
0000H
T2IC
b FF60H
B0H
GPT1 Timer 2 Interrupt Control Register
0000H
T3
FE42H
21H
GPT1 Timer 3 Register
0000H
T3CON
b FF42H
A1H
GPT1 Timer 3 Control Register
0000H
T3IC
b FF62H
B1H
GPT1 Timer 3 Interrupt Control Register
0000H
T4
FE44H
22H
GPT1 Timer 4 Register
0000H
T4CON
b FF44H
A2H
GPT1 Timer 4 Control Register
0000H
T4IC
b FF64H
B2H
GPT1 Timer 4 Interrupt Control Register
0000H
T5
FE46H
23H
GPT2 Timer 5 Register
0000H
T5CON
b FF46H
A3H
GPT2 Timer 5 Control Register
0000H
T5IC
b FF66H
B3H
GPT2 Timer 5 Interrupt Control Register
0000H
T6
FE48H
24H
GPT2 Timer 6 Register
0000H
T6CON
b FF48H
A4H
GPT2 Timer 6 Control Register
0000H
T6IC
b FF68H
B4H
GPT2 Timer 6 Interrupt Control Register
0000H
TFR
b FFACH
D6H
Trap Flag Register
0000H
WDT
FEAEH
57H
Watchdog Timer Register (read only)
0000H
WDTCON
b FFAEH
D7H
Watchdog Timer Control Register
2)00XX
H
ZEROS
b FF1CH
8EH
Constant Value 0’s Register (read only)
0000H
1) The system configuration is selected during reset.
2) The reset value depends on the indicated reset source.
Table 6
C161K/O Registers, Ordered by Name (cont’d)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com