Electronic Components Datasheet Search
  English  ▼

X  

C161K Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # C161K
Description  16-Bit Single-Chip Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161K Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button C161K Datasheet HTML 2Page - Infineon Technologies AG C161K Datasheet HTML 3Page - Infineon Technologies AG C161K Datasheet HTML 4Page - Infineon Technologies AG C161K Datasheet HTML 5Page - Infineon Technologies AG C161K Datasheet HTML 6Page - Infineon Technologies AG C161K Datasheet HTML 7Page - Infineon Technologies AG C161K Datasheet HTML 8Page - Infineon Technologies AG C161K Datasheet HTML 9Page - Infineon Technologies AG C161K Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
C161K
C161O
Data Sheet
2
V2.0, 2001-01
This document describes several derivatives of the C161 group. Table 1 enumerates
these derivatives and summarizes the differences. As this document refers to all of these
derivatives, some descriptions may not apply to a specific product.
For simplicity all versions are referred to by the term C161K/O throughout this document.
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the
required product. This ordering code identifies:
• the derivative itself, i.e. its function set, the temperature range, and the supply voltage
• the package and the type of delivery.
For the available ordering codes for the C161K/O please refer to the “Product Catalog
Microcontrollers”, which summarizes all available microcontroller variants.
Note: The ordering codes for Mask-ROM versions are defined for each product after
verification of the respective ROM code.
Table 1
C161K/O Derivative Synopsis
Derivative1)
1) This Data Sheet is valid for devices starting with and including design step HA.
Max. Oper.
Frequency
Operating
Voltage
IRAM
[KB]
Nr of
CSs
Ext.
Intr.
CAP
IN
SAF-C161K-LM
20 MHz
4.5 to 5.5 V
124---
SAB-C161K-LM
20 MHz
4.5 to 5.5 V
124---
SAF-C161K-L25M
25 MHz
4.5 to 5.5 V
124---
SAB-C161K-L25M
25 MHz
4.5 to 5.5 V
124---
SAF-C161K-LM3V
20 MHz
3.0 to 3.6 V
124---
SAB-C161K-LM3V
20 MHz
3.0 to 3.6 V
124---
SAF-C161O-LM
20 MHz
4.5 to 5.5 V
247Yes
SAB-C161O-LM
20 MHz
4.5 to 5.5 V
247Yes
SAF-C161O-L25M
25 MHz
4.5 to 5.5 V
247Yes
SAB-C161O-L25M
25 MHz
4.5 to 5.5 V
247Yes
SAF-C161O-LM3V
20 MHz
3.0 to 3.6 V
247Yes
SAB-C161O-LM3V
20 MHz
3.0 to 3.6 V
247Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com