Electronic Components Datasheet Search
  English  ▼

X  

C161K Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # C161K
Description  16-Bit Single-Chip Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161K Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button C161K Datasheet HTML 45Page - Infineon Technologies AG C161K Datasheet HTML 46Page - Infineon Technologies AG C161K Datasheet HTML 47Page - Infineon Technologies AG C161K Datasheet HTML 48Page - Infineon Technologies AG C161K Datasheet HTML 49Page - Infineon Technologies AG C161K Datasheet HTML 50Page - Infineon Technologies AG C161K Datasheet HTML 51Page - Infineon Technologies AG C161K Datasheet HTML 52Page - Infineon Technologies AG C161K Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
C161K
C161O
Data Sheet
45
V2.0, 2001-01
Data float after RD
t19 SR –
36 +
tF
–
2TCL - 14
+
tF
ns
Data valid to WR
t22 CC 24 + tC
–
2TCL - 26
+
tC
–
ns
Data hold after WR
t23 CC 36 + tF
–
2TCL - 14
+
tF
–
ns
ALE rising edge after RD,
WR
t25 CC 36 + tF
–
2TCL - 14
+
tF
–
ns
Address hold after RD,
WR
t27 CC 36 + tF
–
2TCL - 14
+
tF
–
ns
ALE falling edge to CS1)
t38 CC -8 - tA
10 -
tA
-8 -
tA
10 -
tA
ns
CS low to Valid Data In1)
t39 SR –
47+
tC
+ 2
tA
–
3TCL - 28
+
tC + 2tA
ns
CS hold after RD, WR1)
t40 CC 57 + tF
–
3TCL - 18
+
tF
–
ns
ALE fall. edge to RdCS,
WrCS (with RW delay)
t42 CC 19 + tA
–
TCL - 6
+
tA
–
ns
ALE fall. edge to RdCS,
WrCS (no RW delay)
t43 CC -6 + tA
–
-6
+
tA
–
ns
Address float after RdCS,
WrCS (with RW delay)
t44 CC –
0
–
0ns
Address float after RdCS,
WrCS (no RW delay)
t45 CC –
25
–
TCL
ns
RdCS to Valid Data In
(with RW delay)
t46 SR –
20 +
tC
–
2TCL - 30
+
tC
ns
RdCS to Valid Data In
(no RW delay)
t47 SR –
45 +
tC
–
3TCL - 30
+
tC
ns
RdCS, WrCS Low Time
(with RW delay)
t48 CC 38 + tC
–
2TCL - 12
+
tC
–
ns
RdCS, WrCS Low Time
(no RW delay)
t49 CC 63 + tC
–
3TCL - 12
+
tC
–
ns
Multiplexed Bus (Reduced Supply Voltage Range) (cont’d)
(Operating Conditions apply)
ALE cycle time = 6 TCL + 2
tA + tC + tF (150 ns at 20 MHz CPU clock without waitstates)
Parameter
Symbol
Max. CPU Clock
= 20 MHz
Variable CPU Clock
1 / 2TCL = 1 to 20 MHz
Unit
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com