Electronic Components Datasheet Search
  English  ▼

X  

C9200 Datasheet(PDF) 8 Page - STMicroelectronics

Part # C9200
Description  200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

C9200 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button C9200 Datasheet HTML 4Page - STMicroelectronics C9200 Datasheet HTML 5Page - STMicroelectronics C9200 Datasheet HTML 6Page - STMicroelectronics C9200 Datasheet HTML 7Page - STMicroelectronics C9200 Datasheet HTML 8Page - STMicroelectronics C9200 Datasheet HTML 9Page - STMicroelectronics C9200 Datasheet HTML 10Page - STMicroelectronics C9200 Datasheet HTML 11Page - STMicroelectronics C9200 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical schematic and BOM
STAC9200
8/14
DocID025416 Rev 2
C21,C24
2
UPW1H222MHD
2200 µF, 50V aluminum electrolytic
capacitor
B1,B2
2
EZ141
HUBER-
SUHNER
BALUN, 50 OHM SUCOFORM, OD 0.141.
2.12 LG coaxial cable or equivalent
L1, L2
2
BELDEN
INDUCTOR, 4 turns air-wound #18AWG
ID=0.13in
R1,R3
2
CR1206-8W-911JB
VENKEL
0.91 K OHM surface mount chip resistor
R2,R4
2
CR1206-8W-914JB
VENKEL
910 K OHM surface mount chip resistor
R5,R6
2
RCO7GF510J
Allen
Bradley
51 OHM 1/4W carbon composition resistor
FB1,FB2,FB3,FB4
4
2743021447
FAIR-RITE
CORP
Surface mount emi shield bead
TL1,TL2
L= 0.414in
W=0.082in
TL3,TL4
L= 0.297in
W=0.082in
TL5,TL6
L= 0.302in
W=0.500in
TL7,TL8
L= 0.385in
W=0.260in
TL9,TL10
L= 0.350in
W=0.260in
Board 3X5
1
Rogers Corp
0.030 THK , Er=2.5, 2Oz Cu both sides
Table 6. Component list (continued)
Item
Qty
Part no
Vendor
Description, dimension (x,y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com