Electronic Components Datasheet Search
  English  ▼

X  

C9200 Datasheet(PDF) 11 Page - STMicroelectronics

Part # C9200
Description  200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

C9200 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button C9200 Datasheet HTML 6Page - STMicroelectronics C9200 Datasheet HTML 7Page - STMicroelectronics C9200 Datasheet HTML 8Page - STMicroelectronics C9200 Datasheet HTML 9Page - STMicroelectronics C9200 Datasheet HTML 10Page - STMicroelectronics C9200 Datasheet HTML 11Page - STMicroelectronics C9200 Datasheet HTML 12Page - STMicroelectronics C9200 Datasheet HTML 13Page - STMicroelectronics C9200 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID025416 Rev 2
11/14
STAC9200
Package mechanical data
14
Table 7. STAC244B mechanical data
Dim.
mm
Min.
Typ.
Max.
A5.08
5.59
A1
4.32
4.83
B4.32
5.33
C9.65
9.91
D
17.78
18.08
E
33.88
34.19
F0.10
0.15
G1.02
H1.45
1.70
I4.83
5.33
J9.27
9.52
K
27.69
28.19
L
3.12
3.23
3.33
M
3.35
3.45
3.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com