Electronic Components Datasheet Search
  English  ▼

X  

C9200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # C9200
Description  200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

C9200 Datasheet(HTML) 4 Page - STMicroelectronics

  C9200 Datasheet HTML 1Page - STMicroelectronics C9200 Datasheet HTML 2Page - STMicroelectronics C9200 Datasheet HTML 3Page - STMicroelectronics C9200 Datasheet HTML 4Page - STMicroelectronics C9200 Datasheet HTML 5Page - STMicroelectronics C9200 Datasheet HTML 6Page - STMicroelectronics C9200 Datasheet HTML 7Page - STMicroelectronics C9200 Datasheet HTML 8Page - STMicroelectronics C9200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STAC9200
4/14
DocID025416 Rev 2
2
Electrical characteristics
TCASE = +25 °C
2.1
Static
2.2
Dynamic
Table 3. Static (per side)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0 V
IDS = 10 mA
80
V
IDSS
VGS = 0 V
VDS = 28 V
1
µA
IGSS
VGS = 15 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 10 V
ID = 250 mA
2.0
4.0
V
VDS(ON)
VGS = 10 V
ID = 3 A
0.8
V
GFS
VDS = 10 V
ID = 3 A
2.5
S
CISS
VGS = 32 V
f = 1 MHz
113
pF
COSS
VDS = 32 V
f = 1 MHz
57
pF
CRS
VDS = 32 V
f = 1 MHz
1.2
pF
Table 4. Dynamic(1)
1.
Freq = 860 MHz / VDD = 32 V / IDQ = 0.1 A.
Symbol
Test conditions
Min.
Typ.
Max.
Unit
POUT
PIN = 5 W
200
230
-
W
hD
PIN = 5 W
60
68
-
%
Gain
POUT = 200 W
18
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com