Electronic Components Datasheet Search
  English  ▼

X  

C167CS-4R Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # C167CS-4R
Description  16-Bit Single-Chip Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-4R Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button C167CS-4R Datasheet HTML 35Page - Infineon Technologies AG C167CS-4R Datasheet HTML 36Page - Infineon Technologies AG C167CS-4R Datasheet HTML 37Page - Infineon Technologies AG C167CS-4R Datasheet HTML 38Page - Infineon Technologies AG C167CS-4R Datasheet HTML 39Page - Infineon Technologies AG C167CS-4R Datasheet HTML 40Page - Infineon Technologies AG C167CS-4R Datasheet HTML 41Page - Infineon Technologies AG C167CS-4R Datasheet HTML 42Page - Infineon Technologies AG C167CS-4R Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
C167CS-4R
C167CS-L
Data Sheet
35
V2.0, 2000-06
Power Management
The C167CS provides several means to control the power it consumes either at a given
time or averaged over a certain timespan. Three mechanisms can be used (partly in
parallel):
• Power Saving Modes switch the C167CS into a special operating mode (control via
instructions).
Idle Mode stops the CPU while the peripherals can continue to operate.
Sleep Mode and Power Down Mode stop all clock signals and all operation (RTC may
optionally continue running). Sleep Mode can be terminated by external interrupt
signals.
• Clock Generation Management controls the distribution and the frequency of
internal and external clock signals (control via register SYSCON2).
Slow Down Mode lets the C167CS run at a CPU clock frequency of
fOSC/1 … 32 (half
for prescaler operation) which drastically reduces the consumed power. The PLL can
be optionally disabled while operating in Slow Down Mode.
External circuitry can be controlled via the programmable frequency output FOUT.
• Peripheral Management permits temporary disabling of peripheral modules (control
via register SYSCON3).
Each peripheral can separately be disabled/enabled. A group control option disables
a major part of the peripheral set by setting one single bit.
The on-chip RTC supports intermittend operation of the C167CS by generating cyclic
wakeup signals. This offers full performance to quickly react on action requests while the
intermittend sleep phases greatly reduce the average power consumption of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com