Electronic Components Datasheet Search
  English  ▼

X  

C167CS-4R Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # C167CS-4R
Description  16-Bit Single-Chip Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-4R Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button C167CS-4R Datasheet HTML 25Page - Infineon Technologies AG C167CS-4R Datasheet HTML 26Page - Infineon Technologies AG C167CS-4R Datasheet HTML 27Page - Infineon Technologies AG C167CS-4R Datasheet HTML 28Page - Infineon Technologies AG C167CS-4R Datasheet HTML 29Page - Infineon Technologies AG C167CS-4R Datasheet HTML 30Page - Infineon Technologies AG C167CS-4R Datasheet HTML 31Page - Infineon Technologies AG C167CS-4R Datasheet HTML 32Page - Infineon Technologies AG C167CS-4R Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
C167CS-4R
C167CS-L
Data Sheet
25
V2.0, 2000-06
Figure 5
CAPCOM Unit Block Diagram
PWM Module
The Pulse Width Modulation Module can generate up to four PWM output signals using
edge-aligned or center-aligned PWM. In addition the PWM module can generate PWM
burst signals and single shot outputs. The frequency range of the PWM signals covers
4 Hz to 16.5 MHz (referred to a CPU clock of 33 MHz), depending on the resolution of
the PWM output signal. The level of the output signals is selectable and the PWM
module can generate interrupt requests.
MCB02143B
Mode
Control
(Capture
or
Compare)
2n : 1
f
CPU
Tx
Input
Control
CAPCOM Timer Tx
Ty
Input
Control
TxIN
Interrupt
Request
GPT2 Timer T6
Over/Underflow
2n : 1
f
CPU
GPT2 Timer T6
Over/Underflow
CCxIO
CCxIO
16 Capture Inputs
16 Compare Outputs
Reload Reg. TxREL
CAPCOM Timer Ty
Reload Reg. TyREL
Interrupt
Request
16 Capture/Compare
Interrupt Request
16-Bit
Capture/
Compare
Registers
x = 0, 7
y = 1, 8
n = 3 … 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com