Electronic Components Datasheet Search
  English  ▼

X  

C167CS-4R Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # C167CS-4R
Description  16-Bit Single-Chip Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-4R Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button C167CS-4R Datasheet HTML 69Page - Infineon Technologies AG C167CS-4R Datasheet HTML 70Page - Infineon Technologies AG C167CS-4R Datasheet HTML 71Page - Infineon Technologies AG C167CS-4R Datasheet HTML 72Page - Infineon Technologies AG C167CS-4R Datasheet HTML 73Page - Infineon Technologies AG C167CS-4R Datasheet HTML 74Page - Infineon Technologies AG C167CS-4R Datasheet HTML 75Page - Infineon Technologies AG C167CS-4R Datasheet HTML 76Page - Infineon Technologies AG C167CS-4R Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
C167CS-4R
C167CS-L
Data Sheet
69
V2.0, 2000-06
Bus Cycle Control via READY Input
The duration of an external bus cycle can be controlled by the external circuitry via the
READY input signal.
Synchronous READY permits the shortest possible bus cycle but requires the input
signal to be synchronous to the reference signal CLKOUT.
Asynchronous READY puts no timing constraints on the input signal but incurs one
waitstate minimum due to the additional synchronization stage.
Notes (Valid also for Figure 21)
4) Cycle as programmed, including MCTC waitstates (Example shows 0 MCTC WS).
5) READY sampled HIGH at this sampling point generates a READY controlled waitstate,
READY sampled LOW at this sampling point terminates the currently running bus cycle.
6) These timings are given for test purposes only, in order to assure recognition at a specific clock edge.
If the Asynchronous READY signal does not fulfill the indicated setup and hold times with respect to CLKOUT,
it must fulfill
tc27 in order to be safely synchronized.
Proper deactivation of READY is guaranteed if READY is deactivated in response to the trailing (rising) edge
of the corresponding command (RD or WR).
7) Multiplexed bus modes have a MUX waitstate added after a bus cycle, and an additional MTTC waitstate may
be inserted here. For a multiplexed bus with MTTC waitstate this delay is 2 CLKOUT cycles, for a
demultiplexed bus without MTTC waitstate this delay is zero.
8) If the next following bus cycle is READY controlled, an active READY signal must be disabled before the first
valid sample point for the next bus cycle. This sample point depends on the MTTC waitstate of the current
cycle, and on the MCTC waitstates and the ALE mode of the next following cycle. If the current cycle uses a
multiplexed bus the intrinsic MUX waitstate adds another CLKOUT cycle to the READY deactivation time.
Table 17
READY Timing (Operating Conditions apply)
Parameter
Symbol
Limits
Unit
min
max
Input setup time to CLKOUT rising edge
Valid for: READY input
tc25 CC
15
–ns
Input hold time after CLKOUT rising edge
Valid for: READY input
tc26 CC
0
–
ns
Asynchronous READY input low time6)
tc27 CC
tc5 + tc25 –ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com