Electronic Components Datasheet Search
  English  ▼

X  

CFY66 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # CFY66
Description  HiRel K-Band GaAs Super Low Noise HEMT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFY66 Datasheet(HTML) 5 Page - Infineon Technologies AG

  CFY66 Datasheet HTML 1Page - Infineon Technologies AG CFY66 Datasheet HTML 2Page - Infineon Technologies AG CFY66 Datasheet HTML 3Page - Infineon Technologies AG CFY66 Datasheet HTML 4Page - Infineon Technologies AG CFY66 Datasheet HTML 5Page - Infineon Technologies AG CFY66 Datasheet HTML 6Page - Infineon Technologies AG CFY66 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CFY66
Semiconductor Group
5 of 8
Draft D, September 99
Typical Common Source S-Parameters
CFY66-08: VDS = 2 V, ID = 10 mA, Zo = 50 Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22 k-Fact. S21/S12 MAG
[GHz] [magn] [angle] [magn] [angle] [magn] [angle] [magn] [angle] [magn]
[dB]
[dB]
1,0
0,990
-21
4,451
161
0,0260
70
0,649
-16
0,14
22,3
2,0
0,960
-39
4,282
144
0,0460
61
0,623
-29
0,19
19,7
3,0
0,920
-57
4,148
126
0,0650
49
0,589
-43
0,27
18,0
4,0
0,880
-77
3,979
108
0,0830
37
0,560
-57
0,32
16,8
5,0
0,830
-95
3,727
93
0,0940
25
0,532
-70
0,39
16,0
6,0
0,790
-111
3,444
78
0,1000
14
0,506
-83
0,47
15,4
7,0
0,749
-124
3,206
64
0,1060
6
0,490
-94
0,55
14,8
8,0
0,720
-137
3,029
50
0,1110
-3
0,463
-103
0,63
14,4
9,0
0,690
-150
2,907
38
0,1130
-11
0,440
-113
0,70
14,1
10,0
0,670
-165
2,845
25
0,1190
-20
0,420
-121
0,74
13,8
11,0
0,649
179
2,787
11
0,1210
-28
0,400
-130
0,79
13,6
12,0
0,628
164
2,699
-3
0,1200
-37
0,385
-143
0,84
13,5
13,0
0,610
151
2,614
-16
0,1200
-46
0,370
-153
0,91
13,4
14,0
0,597
138
2,584
-28
0,1190
-55
0,355
-162
0,96
13,4
15,0
0,584
121
2,550
-42
0,1180
-66
0,340
-172
1,01
13,3
12,8
16,0
0,580
104
2,484
-56
0,1170
-76
0,330
178
1,05
13,3
11,9
17,0
0,580
89
2,461
-71
0,1150
-87
0,325
169
1,08
13,3
11,5
18,0
0,580
74
2,456
-86
0,1160 -100
0,320
160
1,09
13,3
11,4
Typical Common Source Noise-Parameters
CFY66-08: VDS = 2 V, ID = 10 mA, Zo = 50 Ω
fNFmin
|
Γopt|<Γopt
Rn
[GHz]
[dB]
[magn]
[angle]
[
Ω]
1
0,27
0,770
16
17,85
2
0,31
0,720
30
16,55
3
0,35
0,672
43
15,27
4
0,38
0,634
57
13,75
5
0,42
0,604
71
11,99
6
0,46
0,578
85
10,04
7
0,50
0,558
100
8,15
8
0,55
0,541
114
6,30
9
0,60
0,528
128
4,74
10
0,65
0,517
143
3,45
11
0,70
0,506
157
2,58
12
0,74
0,496
171
2,16
13
0,79
0,485
-175
2,27
14
0,85
0,472
-160
2,88
15
0,89
0,457
-146
3,99
16
0,95
0,437
-132
5,59
17
1,00
0,415
-118
7,63
18
1,06
0,389
-102
9,96



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com