Electronic Components Datasheet Search
  English  ▼

X  

CFY66 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CFY66
Description  HiRel K-Band GaAs Super Low Noise HEMT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFY66 Datasheet(HTML) 1 Page - Infineon Technologies AG

  CFY66 Datasheet HTML 1Page - Infineon Technologies AG CFY66 Datasheet HTML 2Page - Infineon Technologies AG CFY66 Datasheet HTML 3Page - Infineon Technologies AG CFY66 Datasheet HTML 4Page - Infineon Technologies AG CFY66 Datasheet HTML 5Page - Infineon Technologies AG CFY66 Datasheet HTML 6Page - Infineon Technologies AG CFY66 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CFY66
Semiconductor Group
1 of 8
Draft D, September 99
HiRel K-Band GaAs Super Low Noise HEMT
• HiRel Discrete and Microwave Semiconductor
• Conventional AlGaAs/GaAs HEMT
(For new design we recommend to use our
pseudo-morphic HEMT CFY67)
• For professional super low-noise amplifiers
• For frequencies from 500 MHz to > 20 GHz
• Hermetically sealed microwave package
• Super low noise figure, high associated gain
•
Space Qualified
ESA/SCC Detail Spec. No.: 5613/002,
Type Variant No.s 01 to 04
12
3
4
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Type
Marking
Ordering Code Pin Configuration
Package
12
34
CFY66-08 (ql)
CFY66-08P (ql)
CFY66-10 (ql)
CFY66-10P (ql)
-
see below
G
S
D
S
Micro-X
CFY66-nnl: specifies gain and output power levels (see electrical characteristics)
(ql) Quality Level:
P: Professional Quality,
Ordering Code:
on request
H: High Rel Quality,
Ordering Code:
on request
S: Space Quality,
Ordering Code:
on request
ES: ESA Space Quality,
Ordering Code:
on request
(see order instructions for ordering example)


Similar Part No. - CFY66

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CFY67 INFINEON-CFY67 Datasheet
747Kb / 9P
HiRel K-Band GaAs Super Low Noise HEMT
September 99
CFY67 INFINEON-CFY67 Datasheet
278Kb / 8P
HiRel K-Band GaAs Super Low Noise HEMT
V2, February 2011
CFY67-06 INFINEON-CFY67-06 Datasheet
747Kb / 9P
HiRel K-Band GaAs Super Low Noise HEMT
September 99
CFY67-06 INFINEON-CFY67-06 Datasheet
278Kb / 8P
HiRel K-Band GaAs Super Low Noise HEMT
V2, February 2011
CFY67-08 INFINEON-CFY67-08 Datasheet
747Kb / 9P
HiRel K-Band GaAs Super Low Noise HEMT
September 99
More results

Similar Description - CFY66

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CFY25 INFINEON-CFY25 Datasheet
2Mb / 8P
HiRel X-Band GaAs Low Noise / General Purpose MESFET
CFY67 INFINEON-CFY67 Datasheet
747Kb / 9P
HiRel K-Band GaAs Super Low Noise HEMT
September 99
logo
NEC
NE710 NEC-NE710 Datasheet
279Kb / 7P
LOW NOISE Ku-K BAND GaAs MESFET
NE760 NEC-NE760 Datasheet
276Kb / 7P
LOW NOISE KU-K BAND GAAS MESFET
logo
Infineon Technologies A...
CFY67 INFINEON-CFY67_11 Datasheet
278Kb / 8P
HiRel K-Band GaAs Super Low Noise HEMT
V2, February 2011
logo
Mitsubishi Electric Sem...
MGF4936AM MITSUBISHI-MGF4936AM Datasheet
188Kb / 6P
Low Noise GaAs HEMT
MGF4953A MITSUBISHI-MGF4953A_11 Datasheet
141Kb / 5P
Low Noise GaAs HEMT
MGF4953B MITSUBISHI-MGF4953B_11 Datasheet
159Kb / 6P
Low Noise GaAs HEMT
MGF4963BL MITSUBISHI-MGF4963BL Datasheet
233Kb / 5P
Low Noise GaAs HEMT
MGF4964BL MITSUBISHI-MGF4964BL Datasheet
229Kb / 5P
Low Noise GaAs HEMT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com