Electronic Components Datasheet Search
  English  ▼

X  

CLX34 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # CLX34
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX34 Datasheet(HTML) 5 Page - Infineon Technologies AG

  CLX34 Datasheet HTML 1Page - Infineon Technologies AG CLX34 Datasheet HTML 2Page - Infineon Technologies AG CLX34 Datasheet HTML 3Page - Infineon Technologies AG CLX34 Datasheet HTML 4Page - Infineon Technologies AG CLX34 Datasheet HTML 5Page - Infineon Technologies AG CLX34 Datasheet HTML 6Page - Infineon Technologies AG CLX34 Datasheet HTML 7Page - Infineon Technologies AG CLX34 Datasheet HTML 8Page - Infineon Technologies AG CLX34 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CLX34
Semiconductor Group
5 of 10
Draft D, September 99
Typical Common Source S-Parameters
VDS = 3 V, ID = 600 mA, Zo = 50
Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22
k-Fact.
S21/S12
MAG
[GHz]
[magn]
[angle]
[magn]
[angle]
[magn]
[angle]
[magn]
[angle]
[magn]
[dB]
[dB]
0,6
0,900
-133
4,453
115
0,0200
32
0,836
175
0,55
23,5
0,8
0,906
-151
3,402
100
0,0224
30
0,840
172
0,63
21,8
1,0
0,911
-163
2,688
91
0,0247
29
0,844
169
0,70
20,4
1,2
0,914
-171
2,208
84
0,0260
28
0,847
167
0,77
19,3
1,4
0,916
-177
1,872
79
0,0276
27
0,851
164
0,83
18,3
1,6
0,918
178
1,624
75
0,0293
27
0,853
162
0,88
17,4
1,8
0,919
174
1,433
71
0,0306
26
0,853
159
0,94
16,7
2,0
0,919
170
1,283
67
0,0320
26
0,853
157
0,99
16,0
2,2
0,919
166
1,162
63
0,0336
26
0,853
155
1,04
15,4
14,2
2,4
0,919
163
1,063
60
0,0351
25
0,853
153
1,08
14,8
13,1
2,6
0,919
161
0,981
57
0,0368
25
0,853
151
1,11
14,3
12,2
2,8
0,919
158
0,912
54
0,0388
25
0,853
149
1,14
13,7
11,4
3,0
0,918
156
0,852
51
0,0403
25
0,853
147
1,17
13,3
10,7
3,2
0,918
153
0,816
48
0,0420
25
0,853
145
1,19
12,9
10,3
3,4
0,917
151
0,785
45
0,0436
24
0,853
144
1,19
12,6
9,9
3,6
0,916
149
0,752
42
0,0453
23
0,853
142
1,20
12,2
9,5
3,8
0,916
147
0,718
40
0,0464
22
0,853
140
1,23
11,9
9,0
4,0
0,916
145
0,687
38
0,0480
21
0,854
139
1,24
11,6
8,6
4,2
0,916
143
0,664
35
0,0493
21
0,853
137
1,25
11,3
8,3
4,4
0,916
140
0,642
33
0,0510
20
0,854
136
1,25
11,0
8,0
4,6
0,916
138
0,616
30
0,0524
18
0,853
133
1,27
10,7
7,6
4,8
0,916
136
0,595
28
0,0544
18
0,854
132
1,26
10,4
7,3
5,0
0,916
135
0,576
26
0,0560
16
0,854
130
1,27
10,1
7,0
5,5
0,915
130
0,540
20
0,0599
13
0,854
126
1,27
9,5
6,4
6,0
0,914
125
0,504
14
0,0651
11
0,854
122
1,27
8,9
5,8
6,5
0,913
120
0,478
8
0,0702
8
0,855
118
1,26
8,3
5,3
7,0
0,912
116
0,454
2
0,0753
5
0,855
114
1,25
7,8
4,8
7,5
0,911
111
0,435
-4
0,0807
1
0,856
110
1,24
7,3
4,4
8,0
0,909
106
0,418
-10
0,0856
-3
0,856
105
1,23
6,9
4,0
8,5
0,908
100
0,404
-16
0,0913
-7
0,856
100
1,22
6,5
3,6
9,0
0,907
94
0,390
-22
0,0962
-11
0,856
95
1,22
6,1
3,2
9,5
0,906
89
0,378
-28
0,1016
-16
0,857
90
1,21
5,7
2,9
10,0
0,905
83
0,367
-34
0,1070
-20
0,858
85
1,20
5,3
2,6
10,5
0,905
78
0,356
-39
0,1118
-25
0,860
81
1,19
5,0
2,4
11,0
0,905
73
0,348
-44
0,1171
-29
0,860
77
1,17
4,7
2,2
11,5
0,904
69
0,342
-49
0,1224
-33
0,861
73
1,15
4,5
2,1
12,0
0,900
64
0,339
-54
0,1291
-36
0,860
69
1,15
4,2
1,8
12,5
0,893
59
0,339
-59
0,1358
-40
0,858
65
1,16
4,0
1,5
13,0
0,883
54
0,342
-64
0,1450
-44
0,854
61
1,17
3,7
1,2
13,5
0,871
49
0,348
-69
0,1561
-49
0,846
57
1,19
3,5
0,9
14,0
0,856
44
0,358
-74
0,1693
-54
0,837
54
1,20
3,2
0,6
14,5
0,839
38
0,372
-79
0,1850
-59
0,824
50
1,20
3,0
0,3
15,0
0,817
32
0,387
-85
0,2026
-65
0,811
46
1,21
2,8
0,0
15,5
0,789
25
0,402
-92
0,2209
-72
0,796
42
1,22
2,6
-0,2
16,0
0,758
18
0,421
-99
0,2420
-79
0,777
38
1,22
2,4
-0,4
16,5
0,724
11
0,440
-106
0,2636
-87
0,757
34
1,22
2,2
-0,6
17,0
0,699
4
0,461
-113
0,2844
-94
0,739
30
1,20
2,1
-0,6
17,5
0,682
-2
0,482
-118
0,3044
-99
0,724
26
1,18
2,0
-0,6
18,0
0,668
-8
0,505
-123
0,3253
-103
0,714
23
1,14
1,9
-0,4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com