Electronic Components Datasheet Search
  English  ▼

X  

CLX34 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CLX34
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX34 Datasheet(HTML) 7 Page - Infineon Technologies AG

  CLX34 Datasheet HTML 1Page - Infineon Technologies AG CLX34 Datasheet HTML 2Page - Infineon Technologies AG CLX34 Datasheet HTML 3Page - Infineon Technologies AG CLX34 Datasheet HTML 4Page - Infineon Technologies AG CLX34 Datasheet HTML 5Page - Infineon Technologies AG CLX34 Datasheet HTML 6Page - Infineon Technologies AG CLX34 Datasheet HTML 7Page - Infineon Technologies AG CLX34 Datasheet HTML 8Page - Infineon Technologies AG CLX34 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CLX34
Semiconductor Group
7 of 10
Draft D, September 99
Typical Common Source S-Parameters (continued)
VDS = 8 V, ID = 600 mA, Zo = 50
Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22
k-Fact.
S21/S12
MAG
[GHz]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,6
0,841
-128
8,425
108
0,0161
35
0,536
-179
0,84
27,2
0,8
0,868
-147
6,543
97
0,0183
33
0,547
178
0,86
25,5
1,0
0,889
-159
5,202
89
0,0195
32
0,556
175
0,88
24,3
1,2
0,898
-168
4,284
81
0,0205
31
0,564
173
0,95
23,2
1,4
0,903
-174
3,632
75
0,0216
31
0,571
171
1,00
22,3
21,9
1,6
0,905
-180
3,146
69
0,0225
31
0,577
169
1,07
21,5
19,8
1,8
0,906
176
2,771
64
0,0235
31
0,584
167
1,13
20,7
18,5
2,0
0,906
172
2,474
59
0,0246
31
0,590
165
1,19
20,0
17,4
2,2
0,907
169
2,232
55
0,0257
32
0,596
163
1,26
19,4
16,3
2,4
0,906
165
2,032
51
0,0268
32
0,602
162
1,31
18,8
15,5
2,6
0,907
162
1,865
47
0,0282
33
0,610
160
1,34
18,2
14,7
2,8
0,907
159
1,722
43
0,0294
34
0,616
159
1,38
17,7
14,0
3,0
0,907
156
1,601
39
0,0309
34
0,623
157
1,40
17,1
13,4
3,2
0,908
155
1,494
35
0,0322
34
0,630
156
1,40
16,7
12,9
3,4
0,908
152
1,399
32
0,0340
34
0,636
155
1,40
16,1
12,4
3,6
0,909
150
1,314
29
0,0351
33
0,643
153
1,41
15,7
11,9
3,8
0,910
148
1,238
26
0,0373
33
0,649
152
1,39
15,2
11,5
4,0
0,910
146
1,177
23
0,0389
32
0,657
150
1,37
14,8
11,2
4,2
0,912
144
1,120
20
0,0402
32
0,663
149
1,36
14,4
10,9
4,4
0,912
142
1,071
17
0,0420
31
0,670
148
1,33
14,1
10,6
4,6
0,914
140
1,020
14
0,0437
30
0,677
146
1,31
13,7
10,3
4,8
0,916
138
0,978
10
0,0455
29
0,684
145
1,27
13,3
10,2
5,0
0,916
136
0,933
8
0,0476
28
0,692
143
1,25
12,9
9,9
5,5
0,919
132
0,839
0
0,0524
26
0,709
139
1,19
12,0
9,4
6,0
0,920
127
0,755
-7
0,0576
23
0,725
136
1,14
11,2
8,9
6,5
0,921
122
0,688
-14
0,0632
20
0,740
132
1,08
10,4
8,6
7,0
0,920
117
0,632
-21
0,0687
17
0,752
128
1,04
9,6
8,4
7,5
0,919
112
0,585
-28
0,0747
13
0,762
123
1,01
8,9
8,2
8,0
0,917
107
0,544
-35
0,0805
9
0,771
119
0,99
8,3
8,5
0,914
101
0,507
-41
0,0862
5
0,781
113
0,98
7,7
9,0
0,913
96
0,474
-48
0,0919
0
0,791
108
0,97
7,1
9,5
0,914
90
0,443
-54
0,0973
-5
0,803
102
0,94
6,6
10,0
0,914
84
0,415
-60
0,1024
-9
0,815
97
0,91
6,1
10,5
0,917
79
0,389
-66
0,1079
-14
0,827
92
0,86
5,6
11,0
0,919
74
0,366
-72
0,1130
-19
0,839
88
0,81
5,1
11,5
0,918
69
0,347
-76
0,1190
-23
0,849
84
0,79
4,6
12,0
0,915
65
0,330
-81
0,1255
-27
0,855
80
0,79
4,2
12,5
0,909
60
0,317
-85
0,1333
-31
0,857
76
0,80
3,8
13,0
0,900
55
0,309
-89
0,1424
-35
0,860
73
0,83
3,4
13,5
0,889
50
0,302
-93
0,1531
-39
0,860
69
0,86
3,0
14,0
0,876
45
0,299
-97
0,1658
-44
0,857
65
0,90
2,6
14,5
0,861
39
0,301
-101
0,1813
-49
0,850
61
0,95
2,2
15,0
0,842
33
0,304
-105
0,1978
-55
0,846
57
0,97
1,9
15,5
0,819
26
0,308
-109
0,2156
-61
0,839
53
1,02
1,5
0,6
16,0
0,793
19
0,318
-114
0,2381
-68
0,831
49
1,03
1,2
0,2
16,5
0,764
11
0,329
-119
0,2613
-75
0,823
45
1,04
1,0
-0,3
17,0
0,745
4
0,341
-123
0,2847
-81
0,816
41
1,03
0,8
-0,3
17,5
0,733
-3
0,354
-127
0,3068
-86
0,810
37
1,01
0,6
0,1
18,0
0,724
-8
0,365
-131
0,3256
-91
0,809
34
0,98
0,5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com