Electronic Components Datasheet Search
  English  ▼

X  

CLX34 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # CLX34
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX34 Datasheet(HTML) 6 Page - Infineon Technologies AG

  CLX34 Datasheet HTML 1Page - Infineon Technologies AG CLX34 Datasheet HTML 2Page - Infineon Technologies AG CLX34 Datasheet HTML 3Page - Infineon Technologies AG CLX34 Datasheet HTML 4Page - Infineon Technologies AG CLX34 Datasheet HTML 5Page - Infineon Technologies AG CLX34 Datasheet HTML 6Page - Infineon Technologies AG CLX34 Datasheet HTML 7Page - Infineon Technologies AG CLX34 Datasheet HTML 8Page - Infineon Technologies AG CLX34 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CLX34
Semiconductor Group
6 of 10
Draft D, September 99
Typical Common Source S-Parameters (continued)
VDS = 5 V, ID = 600 mA, Zo = 50
Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22
k-Fact.
S21/S12
MAG
[GHz]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,6
0,879
-131
6,283
115
0,0207
35
0,741
177
0,62
24,8
0,8
0,890
-150
4,812
100
0,0224
30
0,748
174
0,66
23,3
1,0
0,898
-161
3,803
91
0,0243
28
0,754
171
0,72
21,9
1,2
0,906
-170
3,123
84
0,0255
27
0,760
168
0,77
20,9
1,4
0,910
-176
2,645
78
0,0269
26
0,764
165
0,83
19,9
1,6
0,912
179
2,293
73
0,0283
26
0,766
163
0,89
19,1
1,8
0,912
175
2,023
69
0,0294
26
0,769
161
0,96
18,4
2,0
0,912
171
1,810
65
0,0307
27
0,770
159
1,02
17,7
16,9
2,2
0,912
167
1,637
61
0,0325
27
0,772
157
1,06
17,0
15,5
2,4
0,912
164
1,496
57
0,0340
28
0,773
155
1,11
16,4
14,4
2,6
0,912
161
1,378
54
0,0352
28
0,773
153
1,16
15,9
13,5
2,8
0,911
158
1,280
50
0,0370
28
0,774
151
1,18
15,4
12,8
3,0
0,912
155
1,210
47
0,0383
28
0,775
149
1,21
15,0
12,2
3,2
0,911
152
1,146
44
0,0395
27
0,775
148
1,24
14,6
11,7
3,4
0,911
150
1,092
41
0,0409
27
0,777
146
1,25
14,3
11,3
3,6
0,911
148
1,043
38
0,0424
26
0,777
145
1,26
13,9
10,9
3,8
0,911
146
0,995
36
0,0437
26
0,779
143
1,27
13,6
10,4
4,0
0,910
144
0,952
33
0,0454
25
0,779
141
1,28
13,2
10,0
4,2
0,911
142
0,913
30
0,0468
24
0,781
140
1,27
12,9
9,8
4,4
0,911
140
0,877
28
0,0482
24
0,782
139
1,29
12,6
9,4
4,6
0,910
138
0,839
25
0,0493
23
0,783
137
1,30
12,3
9,0
4,8
0,911
137
0,810
22
0,0514
22
0,784
135
1,29
12,0
8,8
5,0
0,910
135
0,778
20
0,0531
21
0,785
134
1,29
11,7
8,4
5,5
0,911
130
0,710
13
0,0572
19
0,787
130
1,29
10,9
7,7
6,0
0,910
126
0,653
6
0,0621
16
0,789
126
1,28
10,2
7,0
6,5
0,910
121
0,606
-1
0,0668
13
0,791
122
1,27
9,6
6,4
7,0
0,910
117
0,568
-7
0,0724
10
0,793
118
1,25
8,9
6,0
7,5
0,909
112
0,536
-13
0,0773
7
0,794
114
1,24
8,4
5,5
8,0
0,909
107
0,508
-20
0,0824
2
0,796
109
1,21
7,9
5,1
8,5
0,909
101
0,483
-26
0,0890
-2
0,798
105
1,19
7,3
4,7
9,0
0,909
95
0,460
-33
0,0940
-7
0,801
100
1,17
6,9
4,4
9,5
0,909
89
0,439
-39
0,1000
-11
0,807
95
1,15
6,4
4,1
10,0
0,908
84
0,420
-45
0,1040
-15
0,815
90
1,13
6,1
3,9
10,5
0,908
79
0,402
-51
0,1100
-20
0,824
85
1,09
5,6
3,8
11,0
0,907
74
0,386
-56
0,1150
-24
0,832
81
1,06
5,3
3,7
11,5
0,906
69
0,373
-61
0,1210
-28
0,838
77
1,04
4,9
3,7
12,0
0,903
65
0,363
-66
0,1290
-32
0,841
74
1,02
4,5
3,7
12,5
0,897
60
0,357
-71
0,1370
-36
0,841
71
1,02
4,2
3,3
13,0
0,887
55
0,354
-75
0,1450
-40
0,840
67
1,04
3,9
2,7
13,5
0,876
50
0,353
-80
0,1550
-45
0,836
64
1,06
3,6
2,1
14,0
0,862
44
0,356
-85
0,1670
-49
0,829
60
1,08
3,3
1,6
14,5
0,846
39
0,364
-90
0,1820
-54
0,820
56
1,09
3,0
1,1
15,0
0,826
32
0,370
-95
0,1970
-60
0,811
52
1,11
2,7
0,7
15,5
0,800
26
0,381
-101
0,2140
-67
0,801
48
1,13
2,5
0,3
16,0
0,773
19
0,394
-107
0,2337
-73
0,788
44
1,14
2,3
0,0
16,5
0,743
12
0,408
-114
0,2546
-81
0,774
40
1,15
2,1
-0,3
17,0
0,722
5
0,425
-119
0,2760
-87
0,763
36
1,13
1,9
-0,3
17,5
0,708
-2
0,441
-124
0,2962
-92
0,753
33
1,10
1,7
-0,2
18,0
0,698
-7
0,455
-128
0,3131
-96
0,748
30
1,07
1,6
0,1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com