Electronic Components Datasheet Search
  English  ▼

X  

AHM Datasheet(PDF) 4 Page - XP Power Limited

Part # AHM
Description  Energy Efficiency Level V, CEC2008 AND EISA 2007
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AHM Datasheet(HTML) 4 Page - XP Power Limited

  AHM Datasheet HTML 1Page - XP Power Limited AHM Datasheet HTML 2Page - XP Power Limited AHM Datasheet HTML 3Page - XP Power Limited AHM Datasheet HTML 4Page - XP Power Limited AHM Datasheet HTML 5Page - XP Power Limited AHM Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IEC 320-C14
IEC 320-C18
IEC 320-C8
C2 Models (Class II)
C2-8 Models (Class II)
Standard (Class I)
Output Connector equivalent
to KPPX-4P (Non Locking)
Pin 1
Output +
Pin 2
Output +
Pin 3
Return
Pin 4
Return
Outer Shell
GND*
Outer Shell
C2 Models
Floating
Optional Input Connector Retention (-A)
1.40 (35.7)
AHM150
Models and Ratings
Mechanical Details
Notes
Notes
Dimensions shown in inches (mm).
Output Power
Output Voltage
Output Current
Model Number(1)
150 W
12.0 VDC
12.50 A
AHM150PS12
150 W
15.0 VDC
10.00 A
AHM150PS15
150 W
19.0 VDC
7.89 A
AHM150PS19
150 W
24.0 VDC
6.25 A
AHM150PS24
150 W
48.0 VDC
3.13 A
AHM150PS48
150 W
12.0 VDC
12.50 A
AHM150PS12C2
150 W
15.0 VDC
10.00 A
AHM150PS15C2
150 W
19.0 VDC
7.89 A
AHM150PS19C2
150 W
24.0 VDC
6.25 A
AHM150PS24C2
150 W
48.0 VDC
3.13 A
AHM150PS48C2
1. Tolerance is 0.02 (0.5) maximum, except output cable length.
2. Weight 1.3 lbs (600 g).
1.45
(37.0)
3.94 (100.3)
6.8 (173.0)
1.58
(40.30)
2.02
(51.5)
0.79 (Ø20)
5.12 (130.0)
1.4 (36.0)
36.4 (900.0)
7.8 (200.0)
0.19 (4.9)
IEC320-C14
3.15
(80.0)
1. For optional input connector retention clip, add suffix ‘-A’ to the model number e.g. AHM150PS24-A. Models with suffix ‘C2’ have a class II equipment protection
classification. For IEC320-C8 input connector with class II models, add suffix ‘-8’ to the model number, e.g. AHM150PS24C2-8.
2. Alternate case colours available for OEM quantities, contact sales for information.
1
2
43
Shell
* Functional earth.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com