Electronic Components Datasheet Search
  English  ▼

X  

AHM Datasheet(PDF) 3 Page - XP Power Limited

Part # AHM
Description  Energy Efficiency Level V, CEC2008 AND EISA 2007
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AHM Datasheet(HTML) 3 Page - XP Power Limited

  AHM Datasheet HTML 1Page - XP Power Limited AHM Datasheet HTML 2Page - XP Power Limited AHM Datasheet HTML 3Page - XP Power Limited AHM Datasheet HTML 4Page - XP Power Limited AHM Datasheet HTML 5Page - XP Power Limited AHM Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IEC 320-C14
IEC 320-C18
IEC 320-C8
C2 Models (Class II)
C2-8 Models (Class II)
Standard (Class I)
AHM100
Models and Ratings
Mechanical Details
Notes
Notes
Output Power
Output Voltage
Output Current
Model Number(1)
100 W
12.0 VDC
8.33 A
AHM100PS12
100 W
15.0 VDC
6.67 A
AHM100PS15
100 W
19.0 VDC
5.26 A
AHM100PS19
100 W
24.0 VDC
4.16 A
AHM100PS24
100 W
48.0 VDC
2.08 A
AHM100PS48
100 W
12.0 VDC
8.33 A
AHM100PS12C2
100 W
15.0 VDC
6.67 A
AHM100PS15C2
100 W
19.0 VDC
5.26 A
AHM100PS19C2
100 W
24.0 VDC
4.16 A
AHM100PS24C2
100 W
48.0 VDC
2.08 A
AHM100PS48C2
1. Tolerance is 0.02 (0.5) maximum, except output cable length.
2. Weight 1.1 lbs (500 g).
3. Dimensions shown in inches (mm).
Output Connector equivalent
to KPPX-4P (Non Locking)
Pin 1
Output +
Pin 2
Output +
Pin 3
Return
Pin 4
Return
Outer Shell
GND*
Outer Shell
C2 Models
Floating
Optional Input Connector Retention (-A)
1.40 (35.7)
1. Models with suffix ‘C2’ have a class II equipment protection classification.
2. For IEC320-C8 input connector with class II models, add suffix ‘-8’ to the model
number, e.g. AHM100PS24C2-8.
3. For optional input connector retention clip, add suffix ‘-A’ to the model number
e.g. AHM100PS24C2-A.
4. Alternate case colours available for OEM quantities, contact sales for information.
1
2
43
Shell
0.79 (Ø20)
5.12 (130.0)
1.4 (36.0)
36.4 (900.0)
6.29 (160.0)
0.2 (5.0)
2.52
(64.0)
1.45
(37.0)
3.02 (76.9)
1.57 (40.0)
5.11 (130.0)
1.55
(39.4)
* Functional earth.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com