Electronic Components Datasheet Search
  English  ▼

X  

AHM Datasheet(PDF) 1 Page - XP Power Limited

Part # AHM
Description  Energy Efficiency Level V, CEC2008 AND EISA 2007
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AHM Datasheet(HTML) 1 Page - XP Power Limited

  AHM Datasheet HTML 1Page - XP Power Limited AHM Datasheet HTML 2Page - XP Power Limited AHM Datasheet HTML 3Page - XP Power Limited AHM Datasheet HTML 4Page - XP Power Limited AHM Datasheet HTML 5Page - XP Power Limited AHM Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specification
85 250 Watts
•
IT & Medical Approvals
•
Energy Efficiency Level V, CEC2008 & EISA 2007
•
<0.5 W No Load Input Power
•
Class I and Class II Models (Except AHM250)
•
Very High Efficiency
•
IP22 Environmental Rating
•
3 Year Warranty
AHM Series
Input
Input Voltage
• 80-264 VAC (see derating curve)
Input Frequency
• 47-63 Hz
Input Current
• 85 W: 0.8 A at 115 VAC, 0.4 A
100 W: 1.0 A at 115 VAC, 0.5 A
150 W: 1.5 A at 115 VAC, 0.75 A
180 W: 1.7 A at 115 VAC, 0.9 A
250 W: 2.3 A at 115 VAC, 0.9 A
at 230 VAC
Inrush Current
• 70 A typical, 120 A max at 230 VAC,
cold start at 25 °C
Power Factor
• >0.9 at 115 VAC, 60 Hz at 250 VAC
Earth Leakage Current
• 85 W: 70 µA typical, 180 µA max
100 W: 70 µA typical, 180 µA max
150 W: 80 µA typical, 200 µA max
180 W: 80 µA typical, 200 µA max
250 W: 80 µA typical, 200 µA max
at 264 VAC/60 Hz
Input Protection
• 85 W: Internal T2.5 A/250 V
100 W: Internal T2.5 A/250 V
150 W: Internal T4.0 A/250 V
180 W: Internal T4.0 A/250 V
250 W: Internal T6.3 A/250 V
fuse in line and neutral
No Load Input Power
• <0.5 W
Output
Output Voltage
• See tables
Output Voltage Trim
• Not user-adjustable
Minimum Load
• No minimum load required
Start Up Delay
• 100-300 ms typical, model dependant(1)
Hold Up Time
• 20 ms typical
Line Regulation
• ±1.5% maximum
Load Regulation
• ±3.0% maximum
Transient Response
• 5% max. deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• Typically less than 1%, 1.5% max pk-pk(2)
Overvoltage Protection
• 125% typical, Recycle input to reset
Overtemperature
• Unit shuts down, auto recovery
Protection
Overload Protection
• 115-175%, auto recovery
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• 0.05 %/°C
Coefficient
xppower.com
General
Efficiency
• 92% typical
Energy Efficiency
• Level V
Isolation
• 4000 VAC In to Out, 2 x MOPP
1500 VAC In to Earth, 1 x MOPP
500 VAC Out to Earth, 1 x MOPP
Switching Frequency
• 45-200 KHz variable
Power Density
• 4.4-5.7 W/in3
MTBF
• 153 kHrs typical to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• 0 °C to +60 °C, derate linearly from 100%
power at +40 °C to 60% power at +60 °C
Cooling
• Convection-cooled
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3000 m
Shock
• 3 x 30 g/11 ms shocks in both +ve & -ve
directions along the 3 orthogonal axis,
total 18 shocks.
Vibration
• Three axis 5-500 Hz at 2 g x 10 sweeps
EMC & Safety
Emissions
• EN55011/22, class B conducted
EN55011/22, class B radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3, Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3, Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3, Perf Criteria A
Magnetic Field
• EN61000-4-8, level 3, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, EN60601-1-2
Safety Approvals
• EN60601-1, ANSI/AAMI ES60601-1,
CSA22.2 No. 60601-1 per cUL, Including
Risk Management, EN60950, UL60950.
Denan (PSE) certification
1. See longform datasheet for further information.
2. Measured at the end of the output cable with 10 µF electrolytic and 0.1 µF
ceramic capacitor.
Notes


Similar Part No. - AHM

ManufacturerPart #DatasheetDescription
logo
JSP Ltd.
AHM120-100-100 JSP-AHM120-100-100 Datasheet
196Kb / 8P
Safety Helmet
AHM120-100-200 JSP-AHM120-100-200 Datasheet
196Kb / 8P
Safety Helmet
AHM120-100-300 JSP-AHM120-100-300 Datasheet
196Kb / 8P
Safety Helmet
AHM120-100-500 JSP-AHM120-100-500 Datasheet
196Kb / 8P
Safety Helmet
AHM120-100-600 JSP-AHM120-100-600 Datasheet
196Kb / 8P
Safety Helmet
More results

Similar Description - AHM

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VEH60US12 XPPOWER-VEH60US12 Datasheet
365Kb / 2P
Energy Efficiency Level V, ??5 V, CEC 2008 & EISA 2007 Compliant
VEH90PS12 XPPOWER-VEH90PS12 Datasheet
466Kb / 2P
Energy Efficiency Level V, CEC 2008 & EISA 2007 Compliant
VEP08US05 XPPOWER-VEP08US05 Datasheet
508Kb / 4P
Efficiency Efficiency Level V (24 W Level IV), CEC2008 & EISA 2007 Compliant
AFE220 XPPOWER-AFE220 Datasheet
338Kb / 2P
Energy Efficiency Level V
AEL XPPOWER-AEL Datasheet
494Kb / 6P
Energy Efficiency Level V
AFM XPPOWER-AFM Datasheet
363Kb / 2P
Energy Efficiency Level V
VEB15 XPPOWER-VEB15 Datasheet
130Kb / 2P
Energy Efficiency Level V
VEB10US05 XPPOWER-VEB10US05 Datasheet
156Kb / 2P
Energy Efficiency Level V
VEH20US05 XPPOWER-VEH20US05 Datasheet
339Kb / 2P
Energy Efficiency Level V
logo
HITRON ELECTRONICS CORP...
HEMP252G HITRON-HEMP252G_17 Datasheet
387Kb / 2P
Energy Efficiency Level V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com