Electronic Components Datasheet Search
  English  ▼

X  

IR44273LPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR44273LPBF
Description  SOT-23 Single Low-Side Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR44273LPBF Datasheet(HTML) 5 Page - International Rectifier

  IR44273LPBF Datasheet HTML 1Page - International Rectifier IR44273LPBF Datasheet HTML 2Page - International Rectifier IR44273LPBF Datasheet HTML 3Page - International Rectifier IR44273LPBF Datasheet HTML 4Page - International Rectifier IR44273LPBF Datasheet HTML 5Page - International Rectifier IR44273LPBF Datasheet HTML 6Page - International Rectifier IR44273LPBF Datasheet HTML 7Page - International Rectifier IR44273LPBF Datasheet HTML 8Page - International Rectifier IR44273LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IR44273LPBF
5
www.irf.com
© 2015 International Rectifier
June 30, 2015
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. The device
may not function or not be operable above the recommended operating conditions and stressing the parts to
these levels is not recommended. In addition, extended exposure to stresses above the recommended operating
conditions may affect device reliability. All voltage parameters are absolute voltages referenced to COM. The
thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min
Max
Units
VCC
Fixed supply voltage
-0.3
20
V
VO
Output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage
-0.3
VCC + 0.3
RthJA
Thermal resistance, junction to ambient
—
151
°C/W
TJ
Junction temperature
—
150
°C
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions. All voltage parameters are
absolute voltages referenced to COM unless otherwise stated in the table.
Symbol
Definition
Min
Max
Units
VCC
Fixed supply voltage
5.0
18
V
VO
Output voltage
0
VCC
VIN
Logic input voltage (IN and EN)
0
VCC
TA
Ambient temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com