Electronic Components Datasheet Search
  English  ▼

X  

IR44273LPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR44273LPBF
Description  SOT-23 Single Low-Side Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR44273LPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR44273LPBF Datasheet HTML 2Page - International Rectifier IR44273LPBF Datasheet HTML 3Page - International Rectifier IR44273LPBF Datasheet HTML 4Page - International Rectifier IR44273LPBF Datasheet HTML 5Page - International Rectifier IR44273LPBF Datasheet HTML 6Page - International Rectifier IR44273LPBF Datasheet HTML 7Page - International Rectifier IR44273LPBF Datasheet HTML 8Page - International Rectifier IR44273LPBF Datasheet HTML 9Page - International Rectifier IR44273LPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IR44273LPBF
6
www.irf.com
© 2015 International Rectifier
June 30, 2015
Static Electrical Characteristics
VCC = 15V, TA = 25°C unless otherwise specified. The VIN, and IIN parameters are referenced to COM and are
applicable to input leads: IN. The VO and IO parameters are referenced to COM and are applicable to the output
leads: OUT.
Dynamic Electrical Characteristics
VCC = 15V, TA = 25°C, and CL = 1000pF unless otherwise specified.
Symbol
Definition
Min
Typ Max Units
Test Conditions
VCCUV+
Vcc supply UVLO positive going threshold
—
—
5.0
V
VCCUV-
Vcc supply UVLO negative going threshold
4.15
—
—
VCC UVH Vcc supply UVLO hysteresis
—
0.3
—
VCLAMP
Vcc Zener clamp voltage
—
21.4
—
ICC=5mA
VIL
Logic “0” input voltage (OUT = LO)
—
—
0.6
VIH
Logic “1” input voltage (OUT = HI)
2.7
—
—
VOH
High level output voltage, VBIAS -VO
—
—
2.0
IO = 0.1mA
VOL
Low level output voltage, VO
—
—
0.12
IO = 20mA
IIN+
Logic “1” input bias current
—
5
15
µA
VIN = 5V
IIN-
Logic “0” input bias current
-30
-10
—
VIN = 0V
IQCC
Quiescent VCC supply current
—
—
400
VIN = 0V or 5V
IO+
Output high short circuit pulsed current
—
1.7
—
A
VO = 0V, VIN = 5V
IO-
Output low short circuit pulsed current
—
1.5
—
VO = 15V, VIN = 0V
Symbol
Definition
Min
Typ
Max Units
Test Conditions
ton
Turn-on propagation delay
—
50
—
ns
Figure 2
toff
Turn-off propagation delay
—
50
—
tr
Turn-on rise time
—
10
—
tf
Turn-off fall time
—
10
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com