Electronic Components Datasheet Search
  English  ▼

X  

IR44273LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR44273LPBF
Description  SOT-23 Single Low-Side Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR44273LPBF Datasheet(HTML) 1 Page - International Rectifier

  IR44273LPBF Datasheet HTML 1Page - International Rectifier IR44273LPBF Datasheet HTML 2Page - International Rectifier IR44273LPBF Datasheet HTML 3Page - International Rectifier IR44273LPBF Datasheet HTML 4Page - International Rectifier IR44273LPBF Datasheet HTML 5Page - International Rectifier IR44273LPBF Datasheet HTML 6Page - International Rectifier IR44273LPBF Datasheet HTML 7Page - International Rectifier IR44273LPBF Datasheet HTML 8Page - International Rectifier IR44273LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IR44273LPBF
1
www.irf.com
© 2015 International Rectifier
June 30, 2015
HVICTM
SOT-23 Single Low-Side Driver IC
Features
Wide VCC range (5V to 20V)
CMOS Schmitt-triggered inputs
Under voltage lockout
3.3V logic compatible
Additional OUT pin
Output in phase with inputs
Leadfree, RoHS compliant
Typical Applications
General purpose gate driver
Industrial applications
Switched-mode power supplies
Product Summary
Topology
General Driver
IO+/- (typical)
1.5A
Package Options
5 Lead SOT23
Typical Connection Diagram
1
2
3
5
4
IN
OUT
COM
VCC
OUT
IN
5..18V
Ordering Information
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IR44273LPBF
SOT23-5
Tape and Reel
3000
IR44273LTRPBF


Similar Part No. - IR44273LPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR44273LPBF INFINEON-IR44273LPBF Datasheet
514Kb / 14P
SOT-23 Single Low-Side Gate Driver IC
January 14, 2019
More results

Similar Description - IR44273LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS10752LPBF IRF-IRS10752LPBF_15 Datasheet
694Kb / 12P
SOT-23 High-Side Gate Driver IC
IRS20752LPBF IRF-IRS20752LPBF_15 Datasheet
694Kb / 12P
SOT-23 High-Side Gate Driver IC
IRS25752LPBF IRF-IRS25752LPBF_15 Datasheet
691Kb / 12P
SOT-23 High-Side Gate Driver IC
IR44252LPBF IRF-IR44252LPBF Datasheet
728Kb / 14P
SOT-23 Single Low-Side Driver IC
IR44272LPBF IRF-IR44272LPBF Datasheet
741Kb / 14P
SOT-23 Gate Driver IC
logo
Infineon Technologies A...
IRS10752LPBF INFINEON-IRS10752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS20752LPBF INFINEON-IRS20752LPBF Datasheet
378Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS25752LPBF INFINEON-IRS25752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IR44252LPBF INFINEON-IR44252LPBF Datasheet
1Mb / 14P
SOT-23 Single Low-Side Driver IC
June 30, 2015
IR44273LPBF INFINEON-IR44273LPBF Datasheet
514Kb / 14P
SOT-23 Single Low-Side Gate Driver IC
January 14, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com