Electronic Components Datasheet Search
  English  ▼

X  

STL33N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL33N60M2
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL33N60M2 Datasheet HTML 3Page - STMicroelectronics STL33N60M2 Datasheet HTML 4Page - STMicroelectronics STL33N60M2 Datasheet HTML 5Page - STMicroelectronics STL33N60M2 Datasheet HTML 6Page - STMicroelectronics STL33N60M2 Datasheet HTML 7Page - STMicroelectronics STL33N60M2 Datasheet HTML 8Page - STMicroelectronics STL33N60M2 Datasheet HTML 9Page - STMicroelectronics STL33N60M2 Datasheet HTML 10Page - STMicroelectronics STL33N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STL33N60M2
Electrical characteristics
DocID024325 Rev 3
7/15
Figure 8: Capacitance variations
Figure 9: Normalized gate threshold voltage vs
temperature
Figure 10: Normalized on-resistance vs
temperature
Figure 11: Normalized V(BR)DSS vs temperature
Figure 12: Source-drain diode forward
characteristics
Figure 13: Output capacitance stored energy
GIPG230420141135MT
GIPG230420141136MT
GIPG090720140955MT
RDS(on)
1.9
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.5
1.7
2.1
VGS=10V
2.3
GIPG090720141001MT
V(BR)DSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.91
0.93
0.99
1.03
ID=1m A
1.07
1.11
0.95
0.97
1.01
1.05
1.09
VSD
0
4
ISD(A)
(V)
2
10
6
8
0
0.2
0.4
0.6
TJ=-50°C
TJ=150°C
TJ=25°C
0.8
1
1.2
1.4
16 18 20
14
12
GIPG090720141014MT
GIPG230420141137MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com