Electronic Components Datasheet Search
  English  ▼

X  

STL33N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL33N60M2
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STL33N60M2 Datasheet HTML 1Page - STMicroelectronics STL33N60M2 Datasheet HTML 2Page - STMicroelectronics STL33N60M2 Datasheet HTML 3Page - STMicroelectronics STL33N60M2 Datasheet HTML 4Page - STMicroelectronics STL33N60M2 Datasheet HTML 5Page - STMicroelectronics STL33N60M2 Datasheet HTML 6Page - STMicroelectronics STL33N60M2 Datasheet HTML 7Page - STMicroelectronics STL33N60M2 Datasheet HTML 8Page - STMicroelectronics STL33N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November 2015
DocID024325 Rev 3
1/15
This is information on a product in full production.
www.st.com
STL33N60M2
N-
channel 600 V, 0.115 Ω typ., 22 A MDmesh™ M2
Power MOSFET in a PowerFLAT™ 8x8 HV package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @ TJmax
RDS(on)max
ID
STL33N60M2
650 V
0.135 Ω
22 A
Features
Extremely low gate charge
Excellent output capacitance (COSS) profile
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics,
rendering it suitable for the most demanding high
efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packaging
STL33N60M2
33N60M2
PowerFLAT™ 8x8 HV
Tape and reel
5
1
2
3
4
PowerFLA
T™ 8x8 HV


Similar Part No. - STL33N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL33N60M6 STMICROELECTRONICS-STL33N60M6 Datasheet
379Kb / 15P
N-channel 600 V, 0.115 typ., 21 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 8x8 HV package
August 2018 Rev 3
More results

Similar Description - STL33N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
Extremely low gate charge
01-Dec-2015
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
14-Mar-2017
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
June 2013 Rev 1
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
Extremely low gate charge
16-May-2014
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
Extremely low gate charge
15-Jun-2016
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
Extremely low gate charge
07-Aug-2014
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
Extremely low gate charge
26-Jan-2015
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
Extremely low gate charge
18-Dec-2014
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
Extremely low gate charge
27-Jan-2016
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
Extremely low gate charge
December 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com