Electronic Components Datasheet Search
  English  ▼

X  

STL33N60M2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STL33N60M2
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N60M2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STL33N60M2 Datasheet HTML 4Page - STMicroelectronics STL33N60M2 Datasheet HTML 5Page - STMicroelectronics STL33N60M2 Datasheet HTML 6Page - STMicroelectronics STL33N60M2 Datasheet HTML 7Page - STMicroelectronics STL33N60M2 Datasheet HTML 8Page - STMicroelectronics STL33N60M2 Datasheet HTML 9Page - STMicroelectronics STL33N60M2 Datasheet HTML 10Page - STMicroelectronics STL33N60M2 Datasheet HTML 11Page - STMicroelectronics STL33N60M2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Test circuits
STL33N60M2
8/15
DocID024325 Rev 3
3
Test circuits
Figure 14: Switching times test circuit for
resistive load
Figure 15: Gate charge test circuit
Figure 16: Test circuit for inductive load
switching and diode recovery times
Figure 17: Unclamped inductive load test
circuit
Figure 18: Unclamped inductive waveform
Figure 19: Switching time waveform
VGS
PW
VD
RG
RL
D.U.T.
2200
µF
3.3
µF
VDD
GND2
(power)
GND1
(driver signal)
+
A
D
D.U.T.
S
B
G
25Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100µH
µF
3.3
1000
µF
VDD
GND1
GND2
D.U.T.
+
AM15858v1
Vi
Pw
VD
ID
D.U.T.
L
2200
µF
3.3
µF
VDD
GND1
GND2
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com