Electronic Components Datasheet Search
  English  ▼

X  

STL130N8F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL130N8F7
Description  Ultra low on-resistance
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL130N8F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL130N8F7 Datasheet HTML 2Page - STMicroelectronics STL130N8F7 Datasheet HTML 3Page - STMicroelectronics STL130N8F7 Datasheet HTML 4Page - STMicroelectronics STL130N8F7 Datasheet HTML 5Page - STMicroelectronics STL130N8F7 Datasheet HTML 6Page - STMicroelectronics STL130N8F7 Datasheet HTML 7Page - STMicroelectronics STL130N8F7 Datasheet HTML 8Page - STMicroelectronics STL130N8F7 Datasheet HTML 9Page - STMicroelectronics STL130N8F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STL130N8F7
6/15
DocID023889 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation in this area is
Limited by max RDS(on)
1s
10ms
Tj=175°C
Tpcb=25°C
Sinlge
pulse
100ms
GIPD120920131413FSR
K
tp(s)
10-1
10-2
10-3
100
10-1
10-2
10-3
10-4
pcb
101
Single pulse
0.05
0.02
0.01
0.1
0.2
δ=0.5
GIPD130920131022FSR
ID
60
40
20
0
02
VDS(V)
4
(A)
4V
5V
6V
VGS= 10V
68
80
100
120
140
160
GIPD120920131428FSR
ID
60
40
20
0
0
2
VGS(V)
4
(A)
VDS= 2V
68
80
100
120
140
160
1
357
180
GIPD120920131444FSR
VGS
6
4
2
0
0
40
Qg(nC)
80
(V)
VDD= 40V
ID= 26A
8
10
12
20
60
100
GIPD120920131452FSR
RDS(on)
3.05
3
2.95
2.90
4
12
ID(A)
20
(mΩ)
VGS= 10V
3.10
816
24
GIPD120920131501FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com