Electronic Components Datasheet Search
  English  ▼

X  

STL130N8F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL130N8F7
Description  Ultra low on-resistance
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL130N8F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL130N8F7 Datasheet HTML 3Page - STMicroelectronics STL130N8F7 Datasheet HTML 4Page - STMicroelectronics STL130N8F7 Datasheet HTML 5Page - STMicroelectronics STL130N8F7 Datasheet HTML 6Page - STMicroelectronics STL130N8F7 Datasheet HTML 7Page - STMicroelectronics STL130N8F7 Datasheet HTML 8Page - STMicroelectronics STL130N8F7 Datasheet HTML 9Page - STMicroelectronics STL130N8F7 Datasheet HTML 10Page - STMicroelectronics STL130N8F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID023889 Rev 3
7/15
STL130N8F7
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Normalized V(BR)DSS vs temperature
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
C
3000
2000
1000
0
020
VDS(V)
40
(pF)
Ciss
4000
10
30
50
Coss
Crss
60
70
5000
6000
7000
8000
GIPD120920131512FSR
V(BR)DSS
1
0.98
0.96
0.94
-75
-25
TJ(°C)
25
(norm)
1.02
075
125
1.04
ID= 250μA
GIPD120920131527FSR
VGS(th)
1
0.8
0.6
0.4
-75
-25
TJ(°C)
25
(norm)
1.2
0
75
125
ID= 250μA
GIPD120920131608FSR
RDS(on)
1
0.8
0.6
0.4
-75
-25
TJ(°C)
25
(norm)
1.2
075
125
ID= 13A
VGS= 10V
1.4
1.6
1.8
GIPD120920131652FSR
VDS
0.7
0.6
0.5
0.4
48
ID(A)
16
(V)
0.8
12
20
24
TJ= -55°C
0.9
TJ= 25°C
TJ= 175°C
GIPD130920131009FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com