Electronic Components Datasheet Search
  English  ▼

X  

STL160NS3LLH7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL160NS3LLH7
Description  Power MOSFET plus monolithic Schottky
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL160NS3LLH7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL160NS3LLH7 Datasheet HTML 1Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 2Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 3Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 4Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 5Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 6Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 7Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 8Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
July 2014
DocID024783 Rev 4
1/15
15
STL160NS3LLH7
N-channel 30 V, 0.0016
Ω typ., 160 A STripFET™ H7
Power MOSFET plus monolithic Schottky in a PowerFLAT™ 5x6
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Very low on-resistance
• Very low Qg
• High avalanche ruggedness
• Embedded Schottky diode
Applications
• Switching applications
Description
This device exhibits low on-state resistance and
capacitance for improved conduction and
switching performance.
PowerFLAT
™5x6
1
2
3
4
AM15540v3
5
6
7
8
12
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Order code
VDS
RDS(on) max
ID
STL160NS3LLH7
30 V
0.0021
Ω
160 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STL160NS3LLH7
160NS3LL
PowerFLATTM 5x6
Tape and reel
www.st.com


Similar Part No. - STL160NS3LLH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
10-Nov-2011
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
803Kb / 5P
Electronic speed controller reference design for drones
Rev 3 - November 2018
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
More results

Similar Description - STL160NS3LLH7

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6691 IRF-IRF6691 Datasheet
228Kb / 10P
HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF Datasheet
222Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF Datasheet
255Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6794MPBF IRF-IRF6794MPBF Datasheet
321Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6728MPBF IRF-IRF6728MPBF Datasheet
253Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6729MPBF IRF-IRF6729MPBF Datasheet
250Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6898MPBF IRF-IRF6898MPBF Datasheet
249Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF8306MPBF IRF-IRF8306MPBF Datasheet
280Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF_15 Datasheet
255Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
logo
Infineon Technologies A...
IRF6894MPBF INFINEON-IRF6894MPBF Datasheet
568Kb / 10P
HEXFET짰 Power MOSFET plus Schottky Diode?
2016-10-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com