Electronic Components Datasheet Search
  English  ▼

X  

STL160NS3LLH7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL160NS3LLH7
Description  Power MOSFET plus monolithic Schottky
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL160NS3LLH7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL160NS3LLH7 Datasheet HTML 1Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 2Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 3Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 4Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 5Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 6Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 7Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 8Page - STMicroelectronics STL160NS3LLH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STL160NS3LLH7
4/15
DocID024783 Rev 4
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
VGS = 0, ID = 1 mA
30
V
IDSS
Zero gate voltage
drain current
VGS = 0, VDS = 24 V
500
µA
IGSS
Gate-body leakage
current
VDS = 0, VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 1 mA
1.2
2.3
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 18 A
0.0016 0.0021
Ω
VGS = 4.5 V, ID = 18 A
0.0025 0.0031
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0, VDS = 25 V, f = 1 MHz
-
3245
-
pF
Coss
Output capacitance
-
970
-
pF
Crss
Reverse transfer
capacitance
-52
-
pF
Qg
Total gate charge
VDD = 15 V, ID = 36 A,
VGS = 4.5 V
(see Figure 13)
-20
-
nC
Qgs
Gate-source charge
-
9.3
-
nC
Qgd
Gate-drain charge
-
5.7
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 15 V, ID = 18 A,
RG = 4.7 Ω, VGS = 4.5 V
-12.4
-
ns
tr
Rise time
-
21.3
-
ns
td(off)
Turn-off delay time
-
50.7
-
ns
tf
Fall time
-
19.5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com