Electronic Components Datasheet Search
  English  ▼

X  

PEB2055 Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # PEB2055
Description  ICs for Communications Extended PCM Interface Controller
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2055 Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button PEB2055 Datasheet HTML 75Page - Infineon Technologies AG PEB2055 Datasheet HTML 76Page - Infineon Technologies AG PEB2055 Datasheet HTML 77Page - Infineon Technologies AG PEB2055 Datasheet HTML 78Page - Infineon Technologies AG PEB2055 Datasheet HTML 79Page - Infineon Technologies AG PEB2055 Datasheet HTML 80Page - Infineon Technologies AG PEB2055 Datasheet HTML 81Page - Infineon Technologies AG PEB2055 Datasheet HTML 82Page - Infineon Technologies AG PEB2055 Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 269 page
background image
PEB 2055
PEF 2055
Detailed Register Description
Semiconductor Group
79
SIN
Synchronous transfer Interrupt; The SIN interrupt is enabled if at least one
synchronous transfer channel (A and/or B) is enabled via the STCR:TAE,
TBE bits. The SIN interrupt is generated when the access window for the
µP
opens. After the occurrence of the SIN interrupt the
µP can read and/or write
the synchronous transfer data registers (STDA, STDB). The SIN bit is reset
by reading ISTA.
SOV
Synchronous transfer Overflow; The SOV interrupt is generated if the
µP fails
to access the data registers (STDA, STDB) within the access window. The
SOV bit is reset by reading ISTA.
4.2.6.6 Mask Register (MASK)
Access in demultiplexed
µP-interface mode:
write
address: EH
OMDR:RBS = 0
Access in multiplexed
µP-interface mode:
write
address: 1CH
Reset value: 00H
A logical 1 disables the corresponding interrupt as described in the ISTA-register.
A masked interrupt is stored internally and reported in ISTA immediately if the mask is
released. However, an SFI interrupt is also reported in ISTA if masked. In this case no
interrupt is generated. When writing register MASK while ISTA indicates a non masked
interrupt INT is temporarily set into the inactive state.
bit 7
bit 0
TIN
SFI
MFFI
MAC
PFI
PIM
SIN
SOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com