Electronic Components Datasheet Search
  English  ▼

X  

PEB2055 Datasheet(PDF) 93 Page - Infineon Technologies AG

Part # PEB2055
Description  ICs for Communications Extended PCM Interface Controller
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2055 Datasheet(HTML) 93 Page - Infineon Technologies AG

Back Button PEB2055 Datasheet HTML 89Page - Infineon Technologies AG PEB2055 Datasheet HTML 90Page - Infineon Technologies AG PEB2055 Datasheet HTML 91Page - Infineon Technologies AG PEB2055 Datasheet HTML 92Page - Infineon Technologies AG PEB2055 Datasheet HTML 93Page - Infineon Technologies AG PEB2055 Datasheet HTML 94Page - Infineon Technologies AG PEB2055 Datasheet HTML 95Page - Infineon Technologies AG PEB2055 Datasheet HTML 96Page - Infineon Technologies AG PEB2055 Datasheet HTML 97Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 269 page
background image
PEB 2055
PEF 2055
Application Hints
Semiconductor Group
93
PCM Synchronization Mode PMOD:PSM
The PCM interface is synchronized via the PFS signal. A transition from low to high of
PFS synchronizes the PCM frame. It should be noted that the rising PFS edge does not
directly synchronize the frame, it is instead first internally sampled with the PDC clock:
If PSM is set to logical 0, the PFS signal is sampled with the falling clock edge of PDC,
if it is set to logical 1, the PFS signal is sampled with the rising clock edge of PDC.
PSM should be selected such that the PDC signal detects stable low and high levels of
the PFS signal, meeting the set-up (
T
FS) and hold (TFH) times with respect to the
programmed PDC clock edge.
In other words, if for example the rising PFS edge has some jitter with respect to the
rising PDC edge, the falling PDC edge should be taken for the evaluation.
The high phase of the PFS pulse may be of arbitrary length, however it must be assured
that it is sampled low at least once before the next framing pulse.
The relationship between the PFS signal and the beginning of the PCM frame is given
in figure 24 and figure 25.
PCM Bit Timing and Bit Shift POFD, POFU, PCSR
The position of the PCM frame can be shifted relative to the framing source PFS in
increments of bits by programming the PCM offset bits OFD9 … 0, OFU9 … 0 in the
POFD, POFU and PCSR. This shifting can be performed separately for up- and
downstream directions and by up to a whole frame. Additionally, the polarity of the PDC
clock edge used for transmitting and sampling the data can be selected with the URE
and DRE bits in the PCSR register.
The time slot structure on the PCM interface is synchronized with the externally applied
PFS pulse. The rising edge of PFS, after it has been sampled by the PDC signal, marks
the first bit of the PCM frame. This first bit is referenced to as the BND (Bit Number
Downstream) of the downstream and the BNU (Bit Number Upstream) of the upstream
frame.
If PCSR:URE is set to 1, data is transmitted with the rising edge of PDC, if URE is set to
0, data is transmitted with the next following falling edge of PDC.
If PCSR:DRE is set to 0, data is sampled with the falling edge of PDC, if DRE is set to
1, data is sampled with the next following rising edge of PDC.
The relationship between the PFS, PDC signals and the PCM bit stream on RxD# and
TxD# is illustrated in figure 24 and figure 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com