Electronic Components Datasheet Search
  English  ▼

X  

PEB2055 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # PEB2055
Description  ICs for Communications Extended PCM Interface Controller
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2055 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button PEB2055 Datasheet HTML 8Page - Infineon Technologies AG PEB2055 Datasheet HTML 9Page - Infineon Technologies AG PEB2055 Datasheet HTML 10Page - Infineon Technologies AG PEB2055 Datasheet HTML 11Page - Infineon Technologies AG PEB2055 Datasheet HTML 12Page - Infineon Technologies AG PEB2055 Datasheet HTML 13Page - Infineon Technologies AG PEB2055 Datasheet HTML 14Page - Infineon Technologies AG PEB2055 Datasheet HTML 15Page - Infineon Technologies AG PEB2055 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 269 page
background image
PEB 2055
PEF 2055
Overview
Semiconductor Group
12
17
17
PDC
I
PCM Interface Data Clock
Single or double data rate.
6
5
4
3
6
5
4
3
RxD0
RxD1
RxD2
RxD3
I
I
I
I
Receive PCM Interface Data
Time-slot oriented data is received on this pins
and forwarded into the downstream data memory
of the EPIC.
9
11
13
15
9
11
13
15
TxD0
TxD1
TxD2
TxD3
O
O
O
O
Transmit PCM Interface Data
Time slot oriented data is shifted out of the
EPIC’s upstream data memory on this lines. For
time-slots which are flagged in the tristate
data memory or when bit OMDR:PSB is reset
the pins are set to high impedance state.
8
10
12
14
8
10
12
14
TSC0
TSC1
TSC2
TSC3
O
O
O
O
Tristate Control
Supplies a control signal for an external driver.
These lines are “low” when the corresponding
TxD outputs are valid. During reset these lines
are “high”.
34
34
FSC
I/O
Frame Synchronization
Input or output in IOM configuration. Direction
indication signal in SLD mode.
33
33
DCL
I/O
Data Clock
Input or output in IOM, slave clock in SLD
configuration. In IOM configuration single or
double data rate, single data rate in SLD mode.
38
37
-
-
38
37
36 *
35 *
DU0/SIP4
DU1/SIP5
DU2/SIP6
DU3/SIP7
I/IO (OD)
I/IO (OD)
I/IO (OD)
I/IO (OD)
Data Upstream Input; IOM or PCM configuration.
Serial Interface Port, SLD configuration.
Depending on the bit OMDR:COS these lines
have push pull or open drain characteristic.
For unassigned channels or when bit
OMDR:CSB is reset the pins are in the state
high impedance.
* Note: EPIC-1 only
1.3
Pin Definitions and Functions (cont’d)
Pin No.
EPIC-S EPIC
Symbol Input (I)
Output (O)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com