Electronic Components Datasheet Search
  English  ▼

X  

STTH16L06CTY Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH16L06CTY
Description  Automotive turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16L06CTY Datasheet(HTML) 6 Page - STMicroelectronics

  STTH16L06CTY Datasheet HTML 1Page - STMicroelectronics STTH16L06CTY Datasheet HTML 2Page - STMicroelectronics STTH16L06CTY Datasheet HTML 3Page - STMicroelectronics STTH16L06CTY Datasheet HTML 4Page - STMicroelectronics STTH16L06CTY Datasheet HTML 5Page - STMicroelectronics STTH16L06CTY Datasheet HTML 6Page - STMicroelectronics STTH16L06CTY Datasheet HTML 7Page - STMicroelectronics STTH16L06CTY Datasheet HTML 8Page - STMicroelectronics STTH16L06CTY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
STTH16L06C-Y
6/9
DocID026936 Rev 2
2
Package information
•
Epoxy meets UL94, V0
•
Cooling method: by conduction (C)
•
Recommended torque value for TO-220AB and TO-220FPAB: 0.4 N·m to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 11. TO-220AB dimension definitions
A
F
D1
J1
H1
∅ P
Q
D
L1
L
b
E
e1
e
L20
L30
b1
c
Resin gate
0.5 mm max.
protrusion(1)
Resin gate
0.5 mm max.
protrusion(1)
(1) Resin gate position accepted in each of the two
position shown as well as the symmetrical opposites



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com